Electronic Components Datasheet Search
  English  ▼

X  

INA206AIPW Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA206AIPW
Description  Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA206AIPW Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA206AIPW Datasheet HTML 9Page - Texas Instruments INA206AIPW Datasheet HTML 10Page - Texas Instruments INA206AIPW Datasheet HTML 11Page - Texas Instruments INA206AIPW Datasheet HTML 12Page - Texas Instruments INA206AIPW Datasheet HTML 13Page - Texas Instruments INA206AIPW Datasheet HTML 14Page - Texas Instruments INA206AIPW Datasheet HTML 15Page - Texas Instruments INA206AIPW Datasheet HTML 16Page - Texas Instruments INA206AIPW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
1.2
1.0
0.8
0.6
0.4
0.2
0
2
4
Supply Voltage (V)
18
6
8
10
12
14
16
300
275
250
225
200
175
150
125
–50
–25
Temperature ( C)
°
125
0
25
50
75
100
200
175
150
125
100
75
50
0
20
Overdrive Voltage (mV)
200
40
60
80
100
120
140
160
180
14
13
12
11
10
0
20
Overdrive Voltage (mV)
200
40
60
80
100
120
140
160
180
600
599
598
597
596
595
594
593
592
591
590
2
4
Supply Voltage (V)
18
6
8
10
12
14
16
602
601
600
599
598
597
596
–50
–25
Temperature ( C)
°
125
0
25
50
75
100
INA206, INA207, INA208
www.ti.com
SBOS360F – JUNE 2006 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
All specifications at TA = 25°C, VS = 12 V, VIN+ = 12 V, and VSENSE = 100 mV, unless otherwise noted.
Figure 20. Comparator Trip Point vs Supply Voltage
Figure 21. Comparator Trip Point vs Temperature
Figure 22. Comparator 1 Propagation Delay vs Overdrive
Figure 23. Comparator 2 Propagation Delay vs Overdrive
Voltage
Voltage
Figure 24. Comparator Reset Voltage vs Supply Voltage
Figure 25. Comparator 1 Propagation Delay vs Temperature
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: INA206 INA207 INA208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com