Electronic Components Datasheet Search
  English  ▼

X  

INA206AIPW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA206AIPW
Description  Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA206AIPW Datasheet(HTML) 5 Page - Texas Instruments

  INA206AIPW Datasheet HTML 1Page - Texas Instruments INA206AIPW Datasheet HTML 2Page - Texas Instruments INA206AIPW Datasheet HTML 3Page - Texas Instruments INA206AIPW Datasheet HTML 4Page - Texas Instruments INA206AIPW Datasheet HTML 5Page - Texas Instruments INA206AIPW Datasheet HTML 6Page - Texas Instruments INA206AIPW Datasheet HTML 7Page - Texas Instruments INA206AIPW Datasheet HTML 8Page - Texas Instruments INA206AIPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
INA206, INA207, INA208
www.ti.com
SBOS360F – JUNE 2006 – REVISED NOVEMBER 2015
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, Vs
18
V
Differential (VIN+) – (VIN–)
–18
18
V
Current-shunt monitor analog inputs,
VIN+ and VIN–
Common-Mode
–16
80
V
Comparator analog input and reset pins
GND – 0.3
(Vs) + 0.3
V
Analog output, out pin
GND – 0.3
(Vs) + 0.3
V
Comparator output, out pin
GND – 0.3
18
V
VREF and CMP2 delay pin
GND – 0.3
10
V
Input current into any pin
5
mA
Operating temperature
–55
150
°C
Junction temperature
–65
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Vcm Common-mode input voltage
–16
12
80
V
Vs Operating supply voltage
2.7
12
18
V
TA Operating free-air temperature
–40
25
125
ºC
7.4 Thermal Information
INA20x
THERMAL METRIC (1)
D (SOIC)
DGS (VSSOP)
PW (TSSOP)
UNIT
14 PINS
10 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
84.9
161.3
112.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
44
36.8
37.2
°C/W
RθJB
Junction-to-board thermal resistance
39.4
82.3
55.4
°C/W
ψJT
Junction-to-top characterization parameter
10.3
1.3
2.7
°C/W
ψJB
Junction-to-board characterization parameter
39.1
80.8
54.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
150
200
150
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: INA206 INA207 INA208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com