Electronic Components Datasheet Search
  English  ▼

X  

LIS3DE Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS3DE
Description  ultra-low-power high-performance 3-axis "nano" accelerometer
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DE Datasheet(HTML) 1 Page - STMicroelectronics

  LIS3DE Datasheet HTML 1Page - STMicroelectronics LIS3DE Datasheet HTML 2Page - STMicroelectronics LIS3DE Datasheet HTML 3Page - STMicroelectronics LIS3DE Datasheet HTML 4Page - STMicroelectronics LIS3DE Datasheet HTML 5Page - STMicroelectronics LIS3DE Datasheet HTML 6Page - STMicroelectronics LIS3DE Datasheet HTML 7Page - STMicroelectronics LIS3DE Datasheet HTML 8Page - STMicroelectronics LIS3DE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
This is information on a product in full production.
June 2014
DocID023719 Rev 3
1/46
LIS3DE
MEMS digital output motion sensor:
ultra-low-power high-performance 3-axis "nano" accelerometer
Datasheet
- production data
Features
 Wide supply voltage, 1.71 V to 3.6 V
 Independent IO supply (1.8 V) and supply
voltage compatible
 Ultra-low-power mode consumption down to
2 μA
2g/±4g/8g/16g dynamically selectable full
scales
 I2C/SPI digital output interface
 8-bit data output
 2 independent programmable interrupt
generators for free-fall and motion detection
 6D/4D orientation detection
 “Sleep-to-wake” and “Return-to-sleep”
functions
 Free-fall detection
 Motion detection
 Embedded temperature sensor
 Embedded self-test
 Embedded FIFO
 10000 g high shock survivability
 ECOPACK®, RoHS and “Green” compliant
Applications
 Motion-activated functions
 Free-fall detection
 Click/double-click recognition
 Intelligent power saving for handheld devices
 Pedometers
 Display orientation
 Gaming and virtual reality input devices
 Impact recognition and logging
 Vibration monitoring and compensation
Description
The LIS3DE is an ultra-low-power high-
performance 3-axis linear accelerometer
belonging to the “nano” family, with digital I2C/SPI
serial interface standard output. The device
features ultra-low-power operational modes that
allow advanced power saving and smart
embedded functions.
The LIS3DE has dynamically user-selectable full
scales of
2g/4g/8g/16g and is capable of
measuring accelerations with output data rates
from 1 Hz to 5 kHz. The self-test capability allows
the user to check the functioning of the sensor in
the final application. The device may be
configured to generate interrupt signals by two
independent inertial wakeup/free-fall events as
well as by the position of the device itself.
Thresholds and the timing of interrupt generators
are programmable by the end user on the fly. The
LIS3DE has an integrated 32-level first-in, first-out
(FIFO) buffer allowing the user to store data in
order to limit intervention by the host processor.
The LIS3DE is available in a small thin plastic
land grid array package (LGA) and it is
guaranteed to operate over an extended
temperature range from -40 °C to +85 °C.
LGA-16 (3x3x1 mm)
Table 1. Device summary
Order codes
Temp.
range [
C]
Package
Packaging
LIS3DE
-40 to +85
LGA-16
Tray
LIS3DETR
-40 to +85
LGA-16 Tape and reel
www.st.com


Similar Part No. - LIS3DE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3DH STMICROELECTRONICS-LIS3DH Datasheet
701Kb / 42P
ultra low-power high performance 3-axes ?쐍ano??accelerometer
21-May-2010
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
MEMS motion sensor three-axis digital output accelerometer
11-Oct-2017
LIS3DHTR STMICROELECTRONICS-LIS3DHTR Datasheet
701Kb / 42P
ultra low-power high performance 3-axes ?쐍ano??accelerometer
21-May-2010
LIS3DSH STMICROELECTRONICS-LIS3DSH Datasheet
1Mb / 53P
MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
26-Oct-2011
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
26-Oct-2011
More results

Similar Description - LIS3DE

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA3000-E01 VTI-SCA3000-E01 Datasheet
204Kb / 4P
3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
STMicroelectronics
LIS3DH STMICROELECTRONICS-LIS3DH Datasheet
701Kb / 42P
ultra low-power high performance 3-axes ?쐍ano??accelerometer
21-May-2010
LIS2DH STMICROELECTRONICS-LIS2DH Datasheet
927Kb / 50P
ultra low-power high performance 3-axis ?쐄emto??accelerometer
25-Nov-2011
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
High-performance ultra low-power 3-axis accelerometer
13-Apr-2012
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
high performance ultra low-power 3-axis accelerometer
24-Jun-2009
AIS3624DQ STMICROELECTRONICS-AIS3624DQ Datasheet
1Mb / 41P
ultra-low-power digital output 3-axis accelerometer
14-Dec-2015
LIS2DS12 STMICROELECTRONICS-LIS2DS12 Datasheet
1Mb / 68P
ultra-low-power high-performance 3-axis "pico" accelerometer
14-Dec-2015
MIS2DH STMICROELECTRONICS-MIS2DH Datasheet
1Mb / 49P
ultra-low-power high-performance 3-axis accelerometer
03-Sep-2015
IIS328DQ STMICROELECTRONICS-IIS328DQ Datasheet
839Kb / 40P
High-performance ultra-low-power 3-axis accelerometer with digital output for industrial applications
21-Apr-2015
IIS2DH STMICROELECTRONICS-IIS2DH Datasheet
1Mb / 49P
Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
21-Apr-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com