Electronic Components Datasheet Search
  English  ▼

X  

LIS3DE Datasheet(PDF) 20 Page - STMicroelectronics

Part # LIS3DE
Description  ultra-low-power high-performance 3-axis "nano" accelerometer
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DE Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LIS3DE Datasheet HTML 16Page - STMicroelectronics LIS3DE Datasheet HTML 17Page - STMicroelectronics LIS3DE Datasheet HTML 18Page - STMicroelectronics LIS3DE Datasheet HTML 19Page - STMicroelectronics LIS3DE Datasheet HTML 20Page - STMicroelectronics LIS3DE Datasheet HTML 21Page - STMicroelectronics LIS3DE Datasheet HTML 22Page - STMicroelectronics LIS3DE Datasheet HTML 23Page - STMicroelectronics LIS3DE Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Digital main blocks
LIS3DE
20/46
DocID023719 Rev 3
An overrun interrupt can be enabled, INT1_OVERRUN = '1' in the CTRL_REG3 (22h)
register, in order to read the entire FIFO content at once. If, in the application, it is
mandatory not to lose data and it is not possible to read at least one sample for each axis
within one ODR period, a watermark interrupt can be enabled in order to read partially the
FIFO and leave memory slots free for incoming data.
Setting the FTH [4:0] bit in the FIFO_CTRL_REG (2Eh) register to value N, the number of X,
Y and Z data samples that should be read at the watermark interrupt rising is up to (N+1).
5.1.4
Stream-to-FIFO mode
In Stream-to-FIFO mode, data from the X, Y and Z accelerometer channels are collected in
a combination of Stream mode and FIFO mode; the FIFO buffer starts operating in Stream
mode and switches to FIFO mode when the selected interrupt occurs.
The FIFO operating mode changes according to the INT1 pin value if the TR bit is set to ‘0’
in the FIFO_CTRL_REG (2Eh) register or the INT2 pin value if the TR bit is set to ‘1’ in the
FIFO_CTRL_REG (2Eh) register.
When the interrupt pin is selected and the interrupt event is configured on the related pin,
the FIFO operates in Stream mode if the pin value is equal to ‘0’ and it operates in FIFO
mode if the pin value is equal to ‘1’. The switch mode is dynamically performed according to
the pin value.
Stream-to-FIFO can be used in order to analyze the sample history that generated an
interrupt; the standard operation is to read FIFO content when FIFO mode is triggered and
the FIFO buffer is full and stopped.
5.1.5
Retrieving data from FIFO
FIFO reads must start from register 28h.
FIFO X, Y and Z data are read from OUT_X (29h), OUT_Y (2Bh) and OUT_Z (2Dh). When
the FIFO is in Stream, Stream-to-FIFO or FIFO mode, a read operation to the OUT_X (29h),
OUT_Y (2Bh) and OUT_Z (2Dh) registers provides the data stored in the FIFO. Each time
data is read from the FIFO, the oldest X, Y and Z data are placed in the OUT_X (29h),
OUT_Y (2Bh) and OUT_Z (2Dh) registers and both single read and read_burst(d) operations
can be used.
d. The read address is automatically updated by the device and rolls back to 0x28 when register 0x2D is reached.
In order to read all FIFO levels in a multiple bytes read, 196 bytes (6 output registers by 32 levels) must be
read. FIFO reads must start from register 0x28 for output update and 0x2D for FIFO pointer update.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com