Electronic Components Datasheet Search
  English  ▼

X  

LIS3DE Datasheet(PDF) 11 Page - STMicroelectronics

Part # LIS3DE
Description  ultra-low-power high-performance 3-axis "nano" accelerometer
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DE Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LIS3DE Datasheet HTML 7Page - STMicroelectronics LIS3DE Datasheet HTML 8Page - STMicroelectronics LIS3DE Datasheet HTML 9Page - STMicroelectronics LIS3DE Datasheet HTML 10Page - STMicroelectronics LIS3DE Datasheet HTML 11Page - STMicroelectronics LIS3DE Datasheet HTML 12Page - STMicroelectronics LIS3DE Datasheet HTML 13Page - STMicroelectronics LIS3DE Datasheet HTML 14Page - STMicroelectronics LIS3DE Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
DocID023719 Rev 3
11/46
LIS3DE
Mechanical and electrical specifications
46
2.2
Temperature sensor characteristics
Vdd = 2.5 V, T = 25 °C unless otherwise noted (b).
2.3
Electrical characteristics
Vdd = 2.5 V, T = 25 °C unless otherwise noted (c).
b. The product is factory calibrated at 2.5 V.
Table 4. Temperature sensor characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
TSDr
Temperature sensor output change vs.
temperature
1
digit/°C(2)
TODR Temperature refresh rate
ODR
Hz
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed. Temperature sensor operation is guaranteed in the range 2 V - 3.6 V.
2. 8-bit resolution.
c. The product is factory calibrated at 2.5 V. The operational power supply range is from 1.71 V to 3.6 V.
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
1.71
2.5
3.6
V
Vdd_IO I/O pins supply voltage(2)
1.71
Vdd+0.1
V
Idd
Current consumption in normal mode
50 Hz ODR
11
μA
Idd
Current consumption in normal mode
1 Hz ODR
2
μA
IddLP
Current consumption in low-power mode 50 Hz ODR
6
μA
IddPdn
Current consumption in power-down
mode
0.5
μA
VIH
Digital high-level input voltage
0.8*Vdd_IO
V
VIL
Digital low-level input voltage
0.2*Vdd_IO
V
VOH
High-level output voltage
0.9*Vdd_IO
V
VOL
Low-level output voltage
0.1*Vdd_IO
V
BW
System bandwidth(3)
ODR/2
Hz
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. It is possible to remove Vdd while maintaining Vdd_IO without blocking the communication busses. In this condition the
measurement chain is powered off.
3. Refer to Table 26 for the ODR value and configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com