Electronic Components Datasheet Search
  English  ▼

X  

DIX4192IPFB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DIX4192IPFB
Description  Integrated Digital Audio Interface Receiver and Transmitter
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIX4192IPFB Datasheet(HTML) 12 Page - Texas Instruments

Back Button DIX4192IPFB Datasheet HTML 8Page - Texas Instruments DIX4192IPFB Datasheet HTML 9Page - Texas Instruments DIX4192IPFB Datasheet HTML 10Page - Texas Instruments DIX4192IPFB Datasheet HTML 11Page - Texas Instruments DIX4192IPFB Datasheet HTML 12Page - Texas Instruments DIX4192IPFB Datasheet HTML 13Page - Texas Instruments DIX4192IPFB Datasheet HTML 14Page - Texas Instruments DIX4192IPFB Datasheet HTML 15Page - Texas Instruments DIX4192IPFB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
Audio Serial
PortA
Audio Serial
PortB
Digital
Interface
Receiver(DIR)
Digital
Interface
Transmitter
(DIT)
TX+
TX-
SDINA
SDOUTA
LRCKA
BC A
K
SDINB
SDOUTB
LRCKB
BC B
K
CPM
CS or A0
CCLKorSCL
CDINor 1
A
CDOUT orSDA
INT
RST
Host
Interface
(SPIor I C)
2
and
Gene a
r l-
Purp s
o e
Outputs
Master
Cl ck
o
Distribution
MC K
L
RXCKI
FromRXCKO
GP 1
O
GP 2
O
GP 3
O
GP 4
O
AESOUT
RXCKO
LOCK
RX +
2
RX -
2
RX +
3
RX -
3
RX +
4
RX -
4
RX +
1
RX -
1
BLS
SY C
N
ControlandStatus
Registers
DIRCand U
DataBuffers
DITCand U
DataBuffers
DIX4192
Power
VDD18
DGND1
VDD33
DGND2
VIO
DGND3
VCC
AG D
N
BG D
N
InternallyTied
toSubstrate
DIX4192
SBFS031D – JANUARY 2006 – REVISED JANUARY 2016
www.ti.com
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 RESET Operation
The DIX4192 includes an asynchronous active low reset input, RST (pin 24), which may be used to initialize the
internal logic at any time. The reset sequence forces all registers and buffers to their default settings. The reset
low pulse width must be a minimum of 500 ns in length. The user must not attempt a write or read operation
using either the SPI or I2C port for at least 500
μs after the rising edge of RST. See Figure 6 for the reset timing
sequence of the DIX4192.
In addition to reset input, the RESET bit in control register 0x01 may be used to force an internal reset, whereby
all registers and buffers are forced to their default settings. Refer to Control Registers for details regarding the
RESET bit function.
Upon reset initialization, all functional blocks of the DIX4192 default to the power-down state, with the exception
of the SPI or I2C host interface and the corresponding control registers. The user may then program the DIX4192
to the desired configuration, and release the desired function blocks from the power-down state using the
corresponding bits in control register 0x01.
12
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Product Folder Links: DIX4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com