Electronic Components Datasheet Search
  English  ▼

X  

AS1382 Datasheet(PDF) 10 Page - ams AG

Part # AS1382
Description  1A, High Efficiency, DC-DC Step Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1382 Datasheet(HTML) 10 Page - ams AG

Back Button AS1382 Datasheet HTML 6Page - ams AG AS1382 Datasheet HTML 7Page - ams AG AS1382 Datasheet HTML 8Page - ams AG AS1382 Datasheet HTML 9Page - ams AG AS1382 Datasheet HTML 10Page - ams AG AS1382 Datasheet HTML 11Page - ams AG AS1382 Datasheet HTML 12Page - ams AG AS1382 Datasheet HTML 13Page - ams AG AS1382 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-04] 2015-Jun-19
AS1382 − Application Information
The AS1382 is perfect for mobile communications equipment
like cell phones and smart phones, digital cameras and
camcorders, portable MP3 and DVD players, PDA’s and palmtop
computers and any other handheld instruments.
Figure 12:
Typical Application Circuit
Typical Application: This figure shows the typical application of the DCDC Step Down Converter.
External Components
Inductors
Figure 13:
Recommended Inductors
Part Number
L
DCR
Current
Rating
Dimensions
(L/W/H)
Manufacturer
XFL4020-102
1uH
12mΩ
4.5A
4.3/4.3/2.1
www.coilcraft.com
LQM2HPN1R0MG0
1uH
55mΩ
1.6A
2.5/2.0/0.9
www.murata.com
Application Information
SW
FB
GND
4.7uF
1uH
10uF
VIN
2.7V to 5.5V
VOUT
1.2V, 1A
MODE
EN
VIN
CIN
COUT
AS1382-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com