Electronic Components Datasheet Search
  English  ▼

X  

AS3644 Datasheet(PDF) 8 Page - ams AG

Part # AS3644
Description  Ultra Small Low Cost 320mA Inductive White LED Flash Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3644 Datasheet(HTML) 8 Page - ams AG

Back Button AS3644 Datasheet HTML 4Page - ams AG AS3644 Datasheet HTML 5Page - ams AG AS3644 Datasheet HTML 6Page - ams AG AS3644 Datasheet HTML 7Page - ams AG AS3644 Datasheet HTML 8Page - ams AG AS3644 Datasheet HTML 9Page - ams AG AS3644 Datasheet HTML 10Page - ams AG AS3644 Datasheet HTML 11Page - ams AG AS3644 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.austriamicrosystems.com/AS3644
1.2.2
7 - 23
AS3644
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VVIN = 3.7V, TA = +25ºC (unless otherwise specified)
Figure 4. DCDC Efficiency vs. VVIN
Figure 5. Application Efficiency (PLED/PVIN) vs. VVIN
50
55
60
65
70
75
80
85
90
95
100
2,7
3,1
3,5
3,9
4,3
Input Voltage (V)
IOUT = 50mA
IOUT = 120mA
IOUT = 220mA
IOUT = 320mA
50
55
60
65
70
75
80
85
90
2,7
3,1
3,5
3,9
4,3
Input Voltage (V)
IOUT = 50mA
IOUT = 120mA
IOUT = 220mA
IOUT = 320mA
Figure 6. ILED Startup (ILED_OUT=300mA)
Figure 7. IVIN Startup (ILED_OUT=300mA)
250µs/Div
250µs/Div
Figure 8. ILED Startup (ILED_OUT=51.6mA)
Figure 9. VOUT / ILED_OUT ripple, ILED_OUT = 300mA
50µs/Div
100ns/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com