Electronic Components Datasheet Search
  English  ▼

X  

AS3644 Datasheet(PDF) 6 Page - ams AG

Part # AS3644
Description  Ultra Small Low Cost 320mA Inductive White LED Flash Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3644 Datasheet(HTML) 6 Page - ams AG

Back Button AS3644 Datasheet HTML 2Page - ams AG AS3644 Datasheet HTML 3Page - ams AG AS3644 Datasheet HTML 4Page - ams AG AS3644 Datasheet HTML 5Page - ams AG AS3644 Datasheet HTML 6Page - ams AG AS3644 Datasheet HTML 7Page - ams AG AS3644 Datasheet HTML 8Page - ams AG AS3644 Datasheet HTML 9Page - ams AG AS3644 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
www.austriamicrosystems.com/AS3644
1.2.2
5 - 23
AS3644
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
TOVTEMP
Overtemperature
Protection
Junction temperature
144
ºC
TOVTEMPHY
ST
Overtemperature
Hysteresis
5ºC
tFLASHTIMER
Flash Timer
Can be adjusted by register flash_timer (see
page 16)
-7.5% 30 to
480
+7.5%
ms
VUVLO
Undervoltage
Lockout
3
Falling VVIN
2.3
2.4
2.5
V
Rising VVIN
VUVLO
+0.05
VUVLO
+0.1
VUVLO
+0.15
V
Digital Interface
VIH
High Level Input
Voltage
Pins SCL, SDA
4
1.26
VVIN-
0.2
V
VIL
Low Level Input
Voltage
0.0
0.54
V
VOL
Low Level Output
Voltage
Pin SDA with pullup >1k
 to digital supply <2V,
VVIN>2.7V
0.3
V
I
2C interface timings - see Figure 3 on page 6
tWAKEUP
Wakeup Time
Minimum time from SDA or SCL going high to
first I
2C start command
500
µs
tTIMEOUT
I
2C timeout time
In flash, assist light and indicator mode if SCL
and SDA are L for tTIMEOUT, the AS3644 enters
automatically shutdown mode
35
ms
fSCLK
SCL Clock Frequency
1/
tTIMEO
UT
400
kHz
tBUF
Bus Free Time
Between a STOP and
START Condition
1.3
µs
tHD:STA
Hold Time (Repeated)
START Condition
5
0.6
µs
tLOW
LOW Period of SCL
Clock
1.3
µs
tHIGH
HIGH Period of SCL
Clock
0.6
µs
tSU:STA
Setup Time for a
Repeated START
Condition
0.6
µs
tHD:DAT
Data Hold Time
6
00.9
µs
tSU:DAT
Data Setup Time
7
100
ns
tR
Rise Time of Both
SDA and SCL Signals
20 +
0.1CB
300
ns
tF
Fall Time of Both SDA
and SCL Signals
20 +
0.1CB
300
ns
tSU:STO
Setup Time for STOP
Condition
0.6
µs
CB
Capacitive Load for
Each Bus Line
CB — total capacitance of one bus line in pF
400
pF
Table 3. Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com