Electronic Components Datasheet Search
  English  ▼

X  

AS3644 Datasheet(PDF) 10 Page - ams AG

Part # AS3644
Description  Ultra Small Low Cost 320mA Inductive White LED Flash Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3644 Datasheet(HTML) 10 Page - ams AG

Back Button AS3644 Datasheet HTML 6Page - ams AG AS3644 Datasheet HTML 7Page - ams AG AS3644 Datasheet HTML 8Page - ams AG AS3644 Datasheet HTML 9Page - ams AG AS3644 Datasheet HTML 10Page - ams AG AS3644 Datasheet HTML 11Page - ams AG AS3644 Datasheet HTML 12Page - ams AG AS3644 Datasheet HTML 13Page - ams AG AS3644 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.austriamicrosystems.com/AS3644
1.2.2
9 - 23
AS3644
Datasheet - D e ta i l e d D e s c r i p t i o n
8 Detailed Description
The AS3644 is a high performance DCDC step up converter with internal PMOS and NMOS switches. The switching
frequency of 4MHz allows the use of tiny coils. Its output is connected to a flash LED by an internal current source.
The AS3644 is controlled by an I
2C interface. All timings and currents can be accurately adjusted by this interface. It
support following operating modes:
1. Flash mode (enabled by mode=11):
The LED current (260mA...320mA) is defined by register flash_current. A timer defines the output flash dura-
tion (30ms...480ms in 30ms steps defined by register flash_timer). The flash is started immediately after the
end of the I
2C command.
If SCL and SDA are L for more than tTIMEOUT, shutdown mode is automatically entered.
2. Assist light mode (=video or torch light mode) (enabled by mode=10):
The LED current (51.6mA or 72.3mA) is defined by register assist_current. The current is enabled until another
mode is chosen by the interface.
If SCL and SDA are L for more than tTIMEOUT, shutdown mode is automatically entered.
3. Shutdown mode (mode=00), SCL=0V, SDA=0V:
The DCDC and the current source is disabled and the AS3644 is configured to draw minimum current.
Internal Circuit
The AS3644 includes a fixed frequency DCDC step-up with accurate startup control. Together with the output current
source (on LED_OUT) it includes protection and safety functions as shown in the following internal blockdiagram:
Figure 16. AS3644 internal circuit
The DCDC converter always operates in PWM mode (exception: PFM mode is allowed during startup) to reduce EMI
in EMI sensitive systems. For flash and assist light mode and high duty cycles close to 100% on-time (maximum duty
cycle) of the PMOS, the DCDC converter can switch into a 1MHz operating mode and maximum duty cycle to improve
efficiency for this load condition. The DCDC converter returns back to its normal 4MHz operating frequency when load
or supply conditions change. Due to this switching between two fixed frequencies the noise spectrum of the system is
exactly defined and predictable. If improved efficiency is required, the fixed switching between 1MHz / 4MHz can be
disabled by freq_switch_on (see page 15)=0. In this case pulseskip will be used.
The internal circuit for switching between these two frequencies is shown in Figure 17:


 

 

 
 
 
! "#$%$&% '

(
! "#$)$*% '

 + +
,-+. ,
+/#  +
++ 
0 
  
+
.
  
*(-
1
2
/# .



  3
!&)4/ '
 
#5/+/#
1  /#
6
6
#5/
 
! "#$4$7 '
6
2
+.
+/#

8

  +
7
*4/
&)4/
+50
9
90



1
+
&44/
:
+1
+
AS3644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com