Electronic Components Datasheet Search
  English  ▼

X  

AS3833 Datasheet(PDF) 10 Page - ams AG

Part # AS3833
Description  6 channel high-precision LED cont rol ler for 3D-LCD backl ight with integrated step-up cont rol ler
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3833 Datasheet(HTML) 10 Page - ams AG

Back Button AS3833 Datasheet HTML 6Page - ams AG AS3833 Datasheet HTML 7Page - ams AG AS3833 Datasheet HTML 8Page - ams AG AS3833 Datasheet HTML 9Page - ams AG AS3833 Datasheet HTML 10Page - ams AG AS3833 Datasheet HTML 11Page - ams AG AS3833 Datasheet HTML 12Page - ams AG AS3833 Datasheet HTML 13Page - ams AG AS3833 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Revision 1.8
9 - 20
AS3833
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 6. VOUT vs. IOUT ,VIN = 24V
Figure 7. Boost - Efficiency vs. Input Voltage, IOUT = 1A
Figure 8. VOUT vs. Temp ,VIN = 24V, IOUT = 0.2A
0
10
20
30
40
50
60
70
80
90
100
0
0,5
1
1,5
2
2,5
3
3,5
4
Output Current (A)
0
10
20
30
40
50
60
70
80
90
100
10
12
14
16
18
20
22
24
26
28
30
Input Voltage (V)
0
10
20
30
40
50
60
70
80
90
100
-30
-15
0
15
30
45
60
75
90
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com