Electronic Components Datasheet Search
  English  ▼

X  

AS3833 Datasheet(PDF) 15 Page - ams AG

Part # AS3833
Description  6 channel high-precision LED cont rol ler for 3D-LCD backl ight with integrated step-up cont rol ler
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3833 Datasheet(HTML) 15 Page - ams AG

Back Button AS3833 Datasheet HTML 11Page - ams AG AS3833 Datasheet HTML 12Page - ams AG AS3833 Datasheet HTML 13Page - ams AG AS3833 Datasheet HTML 14Page - ams AG AS3833 Datasheet HTML 15Page - ams AG AS3833 Datasheet HTML 16Page - ams AG AS3833 Datasheet HTML 17Page - ams AG AS3833 Datasheet HTML 18Page - ams AG AS3833 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Revision 1.8
14 - 20
AS3833
Datasheet - D e t a i l e d D e s c r i p t i o n
8.4.1
Setting the output voltage
Figure 16. Vout setting
According to the requirements of the LED strings, the output voltage Vout is adjusted by the internal power supply feedback
between:
and
Once Vout_min and Vout_max is known the external resistors can be caluclated:
Note:
The overall resistance should be in the range of 100k
Ω to 200kΩ to avoid any noise issues. Keep FB-line as short as possible.
V
OUTmin
V
fb 1
R
fb
1
R
fb
2
----------
+
=
V
OUTmax
V
fb 1
R
fb
1
R
fb
2
----------
+
255
µA R
fb
1
⋅
+
=
R
fb
1
V
OUTmax
V
OUTmin
–
(
)
255
µA
-------------------------------------------------------
=
(EQ 7)
R
fb
2
V
fbRfb1
V
OUTmin
V
fb
–
(
)
----------------------------------------
=
(EQ 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com