Electronic Components Datasheet Search
  English  ▼

X  

AS3833 Datasheet(PDF) 12 Page - ams AG

Part # AS3833
Description  6 channel high-precision LED cont rol ler for 3D-LCD backl ight with integrated step-up cont rol ler
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3833 Datasheet(HTML) 12 Page - ams AG

Back Button AS3833 Datasheet HTML 8Page - ams AG AS3833 Datasheet HTML 9Page - ams AG AS3833 Datasheet HTML 10Page - ams AG AS3833 Datasheet HTML 11Page - ams AG AS3833 Datasheet HTML 12Page - ams AG AS3833 Datasheet HTML 13Page - ams AG AS3833 Datasheet HTML 14Page - ams AG AS3833 Datasheet HTML 15Page - ams AG AS3833 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
www.austriamicrosystems.com/AS3833
Revision 1.8
11 - 20
AS3833
Datasheet
8.2 VDDH_HC resistor
Figure 11. VDDH_HC resistor
Pin VDDH_HC is connected to an internal 3.3V voltage regulator. In order to keep the power dissipation of this regulator low, it is recommended
to connect pin VDDH_HC to the power supply Vin with a resistor. The resistor should guarantee sufficient voltage drop so that the remaining
voltage at pin VDDH_HC is approximately 5V. The power dissipation of the RVDDH_HC hat to be considered.
Typical values for RVVDH2 are:
VIN = 13V:
RVDDH_HC= 100Ω / 1W
VIN = 24V:
RVDDH_HC= 250Ω / 2W
8.3 Safety features
8.3.1
Undervoltage lockout
In order to avoid startup of the Boost controller at low supply voltage an undervoltage lockout function is implemented. The boost controller only
turns on when the voltage at pin UVLO exceeds VUVLO. Once the boost controller is turned on a current source IUVLO_Hyst is activated which
increases the UVLO voltage and so shifts the turn off voltage level.
Figure 12. Undervoltage lockout
R
VDDH
_HC
V
in
5V
–
75mA
--------------------
=
(EQ 2)
P
R
V DDH
_HC
75mA
(
)
2
R
VDDH
_HC
×
=
(EQ 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com