Electronic Components Datasheet Search
  English  ▼

X  

PCM5142PW Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5142PW
Description  Audio Stereo DAC
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5142PW Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM5142PW Datasheet HTML 17Page - Texas Instruments PCM5142PW Datasheet HTML 18Page - Texas Instruments PCM5142PW Datasheet HTML 19Page - Texas Instruments PCM5142PW Datasheet HTML 20Page - Texas Instruments PCM5142PW Datasheet HTML 21Page - Texas Instruments PCM5142PW Datasheet HTML 22Page - Texas Instruments PCM5142PW Datasheet HTML 23Page - Texas Instruments PCM5142PW Datasheet HTML 24Page - Texas Instruments PCM5142PW Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 123 page
background image
PCM5141, PCM5142
www.ti.com
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
8.3.4 Audio Processing
8.3.4.1 PCM514x Audio Processing Options
8.3.4.1.1
Overview
The PCM514x features a fully-programmable miniDSP core. The algorithms for the miniDSP must be loaded into
the device after power up. The miniDSP has direct access to the digital stereo audio stream, offering the
possibility for advanced DSP algorithms with very low group delay. The miniDSP can run up to 1024 instructions
on every audio sample at a 48-kHz sample rate.
NOTE
At higher sampling frequencies, fewer instruction cycles are available. (For example, 512
instructions can be done in a 96-kHz frame.)
The PCM514x supports two different code sources. ROM based process flow (See the next section for how to
select) and RAM based process flow. In program 31 (RAM based), different algorithms can be called from ROM -
such as EQ, DRC and Zero Crossing volume control. Please see the PurePath Studio Development Environment
for more details.
8.3.4.1.2
miniDSP Instruction Register
Registers on Page 152-169 are 25-bit instructions for the miniDSP engine. For details, see Table 53. 7 bits of
Instr(32:25) in Base register +0 are reserved bits. 1 bit of Instr(24) - (LSB) in Base register +0 is MSB bit of 25 bit
instruction. These instructions control miniDSP operation. When the fully programmable miniDSP mode is
enabled and the DAC channel is powered up, the read and write access to these registers is disabled.
8.3.4.1.3
Digital Output
The PCM514x supports an SDOUT output. This can be selected within the process flow, and driven out of a
GPIO pin selected in the register map (for example, Page 0 / Register 80). Users should note that the I2S output
will be attenuated by 0.5 dB. A full scale (FS) output will actually be FS-0.5dB. This can be compensated for
within the process flow using PurePath Studio. The I2S output can be a separate audio stream to the analog
DAC output, allowing 2.1 and 2.2 systems to be implimented. By default, the SDOUT is not linked to the volume
control registers on Page 0 / Register 60, 61, 62. However, it is possible to configure the SDOUT component in
Purepath studio to mirror that register.
8.3.4.1.4
Software
Software development for the PCM514x is supported through TI's comprehensive PurePath ™Studio; a powerful,
easy-to-use tool designed specifically to simplify software development on the PCM514x miniDSP audio
platform.
Please visit the PCM514x product folder on www.ti.com to learn more about PurePath Console and the latest
status on available, ready-to-use DSP algorithms.
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com