Electronic Components Datasheet Search
  English  ▼

X  

PCM5142PW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5142PW
Description  Audio Stereo DAC
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5142PW Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM5142PW Datasheet HTML 4Page - Texas Instruments PCM5142PW Datasheet HTML 5Page - Texas Instruments PCM5142PW Datasheet HTML 6Page - Texas Instruments PCM5142PW Datasheet HTML 7Page - Texas Instruments PCM5142PW Datasheet HTML 8Page - Texas Instruments PCM5142PW Datasheet HTML 9Page - Texas Instruments PCM5142PW Datasheet HTML 10Page - Texas Instruments PCM5142PW Datasheet HTML 11Page - Texas Instruments PCM5142PW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 123 page
background image
PCM5141, PCM5142
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
www.ti.com
Electrical Characteristics (continued)
TA = 25°C, AVDD = CPVDD = DVDD = 3.3 V, fS = 48 kHz, system clock = 512 fS and 24-bit data (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT
Single-ended output voltage
2.1
VRMS
Gain error
–6
±2.0
6
% of FSR
Gain mismatch, channel-to-channel
–6
±0.5
6
% of FSR
Load impedance
5
k
Ω
FILTER CHARACTERISTICS–1: NORMAL (8x)
Pass band
0.45 × fS
kHz
Stop band
0.55 × fS
kHz
Stop band attenuation
–60
dB
Pass-band ripple
±0.02
dB
Delay time
20 × tS
s
FILTER CHARACTERISTICS–2: LOW LATENCY (8x)
Pass band
0.47 × fS
kHz
Stop band
0.55 × fS
kHz
Stop band attenuation
–52
dB
Pass-band ripple
±0.0001
dB
Delay time
3.5 × tS
s
FILTER CHARACTERISTICS–3: ASYMMETRIC FIR (8x)
Pass band
0.4 × fS
kHz
Stop band
0.72 × fS
kHz
Stop band attenuation
–52
dB
Pass-band ripple
±0.05
dB
Delay time
1.2 × tS
s
FILTER CHARACTERISTICS–4: HIGH-ATTENUATION (8x)
Pass band
0.45 × fS
kHz
Stop band
0.45 × fS
kHz
Stop band attenuation
–100
dB
Pass-band ripple
±0.0005
dB
Delay time
33.7 × tS
s
POWER SUPPLY REQUIREMENTS
DVDD
Digital supply voltage
Target DVDD = 1.8 V
1.65
1.8
1.95
VDC
DVDD
Digital supply voltage
Target DVDD = 3.3 V
3
3.3
3.6
VDC
AVDD
Analog supply voltage
3
3.3
3.6
VDC
CPVDD
Charge-pump supply voltage
3
3.3
3.6
VDC
fS = 48 kHz, input is bipolar zero
14
11
data
fS = 96 kHz, input is bipolar zero
IDD
DVDD supply current at 1.8 V
12
mA
data
fS = 192 kHz, input is bipolar
14
zero data
fS = 48 kHz, input is 1 kHz – 1
14
11
dBFS data
fS = 96 kHz, input is 1 kHz – 1
IDD
DVDD supply current at 1.8 V
12
mA
dBFS data
fS = 192 kHz, input is 1 kHz – 1
14
dBFS data
IDD
DVDD supply current at 1.8 V
(4)
fS = N/A, power-down mode
0.3
0.6
mA
(4)
Power-down mode, with LRCK, BCK, and SCK halted at low level.
8
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com