Electronic Components Datasheet Search
  English  ▼

X  

PCM5142PW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5142PW
Description  Audio Stereo DAC
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5142PW Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM5142PW Datasheet HTML 5Page - Texas Instruments PCM5142PW Datasheet HTML 6Page - Texas Instruments PCM5142PW Datasheet HTML 7Page - Texas Instruments PCM5142PW Datasheet HTML 8Page - Texas Instruments PCM5142PW Datasheet HTML 9Page - Texas Instruments PCM5142PW Datasheet HTML 10Page - Texas Instruments PCM5142PW Datasheet HTML 11Page - Texas Instruments PCM5142PW Datasheet HTML 12Page - Texas Instruments PCM5142PW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 123 page
background image
PCM5141, PCM5142
www.ti.com
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
Electrical Characteristics (continued)
TA = 25°C, AVDD = CPVDD = DVDD = 3.3 V, fS = 48 kHz, system clock = 512 fS and 24-bit data (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fS = 48 kHz, input is bipolar zero
15
12
data
fS = 96 kHz, input is bipolar zero
IDD
DVDD supply current at 3.3 V
13
mA
data
fS = 192 kHz, input is bipolar
15
zero data
fS = 48 kHz, input is 1 kHz – 1
15
12
dBFS data
fS = 96 kHz, input is 1 kHz – 1
IDD
DVDD supply current at 3.3 V
13
mA
dBFS data
fS = 192 kHz, input is 1 kHz – 1
15
dBFS data
IDD
DVDD supply current at 3.3 V
(4)
fS = N/A, power-down mode
0.5
0.8
mA
fS = 48 kHz, input is bipolar zero
16
11
data
fS = 96 kHz, input is bipolar zero
ICC
AVDD + CPVDD supply current
11
mA
data
fS = 192 kHz, input is bipolar
11
zero data
fS = 48 kHz, input is 1 kHz – 1
32
24
dBFS data
fS = 96 kHz, input is 1 kHz – 1
ICC
AVDD + CPVDD supply current
24
mA
dBFS data
fS = 192 kHz, input is 1 kHz – 1
24
dBFS data
ICC
AVDD + CPVDD supply current
(4)
fS = N/A, power-down mode
0.2
0.4
mA
fS = 48 kHz, input is bipolar zero
78
59.4
data
fS = 96 kHz, input is bipolar zero
Power dissipation, DVDD = 1.8 V
61.2
mW
data
fS = 192 kHz, input is bipolar
64.8
zero data
fS = 48 kHz, input is 1 kHz – 1
130.8
99
dBFS data
fS = 96 kHz, input is 1 kHz – 1
Power dissipation, DVDD = 1.8 V
100.8
mW
dBFS data
fS = 192 kHz, input is 1 kHz – 1
104.4
dBFS data
Power dissipation, DVDD = 1.8 V
(4)
fS = N/A, power-down mode
1.2
mW
fS = 48 kHz, input is bipolar zero
103
79.2
data
fS = 96 kHz, input is bipolar zero
Power dissipation, DVDD = 3.3 V
82.5
mW
data
fS = 192 kHz, input is bipolar
89.1
zero data
fS = 48 kHz, input is 1 kHz – 1
155
118.8
dBFS data
fS = 96 kHz, input is 1 kHz – 1
Power dissipation, DVDD = 3.3 V
122.1
mW
dBFS data
fS = 192 kHz, input is 1 kHz – 1
128.7
dBFS data
Power dissipation, DVDD = 3.3 V
(4)
fS = N/A, power-down mode
2.3
4
mW
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com