Electronic Components Datasheet Search
  English  ▼

X  

TMD2772 Datasheet(PDF) 14 Page - ams AG

Part # TMD2772
Description  Digital ALS and Proximity Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD2772 Datasheet(HTML) 14 Page - ams AG

Back Button TMD2772 Datasheet HTML 10Page - ams AG TMD2772 Datasheet HTML 11Page - ams AG TMD2772 Datasheet HTML 12Page - ams AG TMD2772 Datasheet HTML 13Page - ams AG TMD2772 Datasheet HTML 14Page - ams AG TMD2772 Datasheet HTML 15Page - ams AG TMD2772 Datasheet HTML 16Page - ams AG TMD2772 Datasheet HTML 17Page - ams AG TMD2772 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
Page 14
ams Datasheet, Confidential
Document Feedback
[v1-20] 2014-Jul-21
TMD2772/ TMD2772WA − Typical Operating Characteristics
Figure 20:
Proximity Response of TMD2772 and TMD2772WA Modules
Figure 21:
Typical LDR Current vs. Voltage
0
200
400
600
800
1000
1200
0
255075
100
125
150
175
Proximity Response of TMD2772 and TMD2772WA
Conditions; PPULSE =8, PDRIVE = 0, PGAIN = 4x
TMD2772
TMD2772WA
Distance in milimeters
(Response to 73mm x 83mm, 90% reflective Kodak Gray card)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com