Electronic Components Datasheet Search
  English  ▼

X  

TMD2772 Datasheet(PDF) 45 Page - ams AG

Part # TMD2772
Description  Digital ALS and Proximity Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD2772 Datasheet(HTML) 45 Page - ams AG

Back Button TMD2772 Datasheet HTML 41Page - ams AG TMD2772 Datasheet HTML 42Page - ams AG TMD2772 Datasheet HTML 43Page - ams AG TMD2772 Datasheet HTML 44Page - ams AG TMD2772 Datasheet HTML 45Page - ams AG TMD2772 Datasheet HTML 46Page - ams AG TMD2772 Datasheet HTML 47Page - ams AG TMD2772 Datasheet HTML 48Page - ams AG TMD2772 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
ams Datasheet, Confidential
Page 45
[v1-20] 2014-Jul-21
Document Feedback
TMD2772/ TMD2772WA − Application Information
Figure 51:
Proximity Sensing Using Single Power Supply
VBUS in the above figures refers to the I²C bus voltage which is
either VDD or 1.8V. Be sure to apply the specified I²C bus voltage
shown in the Available Options table for the specific device
being used.
The I²C signals and the Interrupt are open-drain outputs and
require pull-up resistors. The pull-up resistor (RP) value is a
function of the I²C bus speed, the I²C bus voltage, and the
capacitive load. The ams EVM running at 400 kbps, uses 1.5kΩ
resistors. A 10kΩ pull-up resistor (RPI) can be used for the
interrupt line.
1µF
VBUS
RP
RP
RPI
1µF
Voltage
Regulator
Per
regulator
datasheet
22
TMD2772
Or
TMD2772WA
VDD
GND
LDR
INT
SCL
SDA
LEDA
LEDK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com