Electronic Components Datasheet Search
  English  ▼

X  

TMD2772 Datasheet(PDF) 2 Page - ams AG

Part # TMD2772
Description  Digital ALS and Proximity Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD2772 Datasheet(HTML) 2 Page - ams AG

  TMD2772 Datasheet HTML 1Page - ams AG TMD2772 Datasheet HTML 2Page - ams AG TMD2772 Datasheet HTML 3Page - ams AG TMD2772 Datasheet HTML 4Page - ams AG TMD2772 Datasheet HTML 5Page - ams AG TMD2772 Datasheet HTML 6Page - ams AG TMD2772 Datasheet HTML 7Page - ams AG TMD2772 Datasheet HTML 8Page - ams AG TMD2772 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
Page 2
ams Datasheet, Confidential
Document Feedback
[v1-20] 2014-Jul-21
TMD2772/ TMD2772WA − General Description
Note(s) and/or Footnote(s):
1. New or Improved feature.
Applications
The TMD2772 applications include:
•Display Backlight Control
• Cell Phone Touch Screen Disable
• Mechanical Switch Replacement
• Industrial Process Control
• Medical Diagnostics
• Printer Paper Alignment
• Eliminates need for customer end-product
calibration.
• Reduces the proximity noise
• Control of system crosstalk and offset
• Prevents false proximity detection in bright
light
• Selectable IR power-level without external
resistor
• Enables wide operating range
Proximity Detection
• Calibrated and trimmed to provide consistent
reading
• Reduced Proximity Count Variation (1)
• Programmable Offset (1)
•Saturation Indicator bit (1)
• Programmable Driver for IR LED
• 16,000:1 Dynamic Range
Reduces external processor burden
Maskable ALS and Proximity Interrupt
• Programmable Upper and Lower Thresholds with
Persistence Filter
Enables dynamic power dissipation control
Power Management
• Programmable average power consumption
• Programmable Wait Time from 2.7 ms to > 8 seconds
Industry standard two-wire interface
I²C Fast Mode Compatible Interface
• Data Rates up to 400 kbit/s
• Input Voltage Levels Compatible with VDD or 1.8V
Bus
Small foot-print module
3.94 mm x 2.36 mm x 1.35 mm Package
Optimize ambient light sensing angle
Available with standard 25° (TMD2772) and wide 50°
(TMD2772WA)
Benefits
Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com