Electronic Components Datasheet Search
  English  ▼

X  

TAS5756M Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5756M
Description  Digital Input, Closed-Loop Class-D Amplifier
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5756M Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS5756M Datasheet HTML 45Page - Texas Instruments TAS5756M Datasheet HTML 46Page - Texas Instruments TAS5756M Datasheet HTML 47Page - Texas Instruments TAS5756M Datasheet HTML 48Page - Texas Instruments TAS5756M Datasheet HTML 49Page - Texas Instruments TAS5756M Datasheet HTML 50Page - Texas Instruments TAS5756M Datasheet HTML 51Page - Texas Instruments TAS5756M Datasheet HTML 52Page - Texas Instruments TAS5756M Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 104 page
background image
OUTP
OUTN
OUTP
-OUTN
Speaker
Current
OUTP
OUTN
OUTP-OUTN
Speaker
Current
OUTP
OUTN
OUTP
-OUTN
Speaker
Current
0 V
0 V
PVCC
No Output
Positive Output
Negative Output
0 A
0 A
0 V
- PVCC
TAS5756M
www.ti.com
SLAS988B – JUNE 2014 – REVISED AUGUST 2015
8.3.4 Modulation Scheme
8.3.4.1 BD-Modulation
The TAS5756M uses BD modulation. This modulation scheme allows operation without the classic LC output
filter when the amp is driving an inductive load with short speaker wires. Each output is switching from 0 volts to
the supply voltage PVDD. The SPK_OUTx+ and SPK_OUTx- are in phase with each other with no input signal
so that there is little or no current in the speaker. The duty cycle of SPK_OUTx+ is greater than 50% and
SPK_OUTx- is less than 50% for positive output voltages. The duty cycle of SPK_OUTx+ is less than 50% and
SPK_OUTx- is greater than 50% for negative output voltages. The voltage across the load remains at 0 V
throughout most of the switching period, reducing the switching current, which reduces any I2R losses in the
load.
Figure 71. BD-Modulation
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: TAS5756M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com