Electronic Components Datasheet Search
  English  ▼

X  

TAS5760MDAPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760MDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760MDAPR Datasheet(HTML) 2 Page - Texas Instruments

  TAS5760MDAPR Datasheet HTML 1Page - Texas Instruments TAS5760MDAPR Datasheet HTML 2Page - Texas Instruments TAS5760MDAPR Datasheet HTML 3Page - Texas Instruments TAS5760MDAPR Datasheet HTML 4Page - Texas Instruments TAS5760MDAPR Datasheet HTML 5Page - Texas Instruments TAS5760MDAPR Datasheet HTML 6Page - Texas Instruments TAS5760MDAPR Datasheet HTML 7Page - Texas Instruments TAS5760MDAPR Datasheet HTML 8Page - Texas Instruments TAS5760MDAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
TAS5760M
SLOS772D – JULY 2013 – REVISED JULY 2015
www.ti.com
Table of Contents
fSPK_AMP = 384 kHz.................................................. 24
1
Features .................................................................. 1
7.17
Typical Characteristics (Mono PBTL Mode):
2
Applications ........................................................... 1
fSPK_AMP = 768 kHz.................................................. 25
3
Description ............................................................. 1
8
Parameter Measurement Information ................ 26
4
Revision History..................................................... 2
9
Detailed Description ............................................ 27
5
Device Comparison Table..................................... 4
9.1
Overview ................................................................. 27
6
Pin Configuration and Functions ......................... 4
9.2
Functional Block Diagram ....................................... 27
7
Specifications......................................................... 7
9.3
Feature Description................................................. 27
7.1
Absolute Maximum Ratings ..................................... 7
9.4
Device Functional Modes........................................ 32
7.2
ESD Ratings.............................................................. 7
9.5
Register Maps ......................................................... 41
7.3
Recommended Operating Conditions ....................... 8
10
Application and Implementation........................ 46
7.4
Thermal Information .................................................. 8
10.1
Application Information.......................................... 46
7.5
Digital I/O Pins .......................................................... 8
10.2
Typical Applications .............................................. 46
7.6
Master Clock ............................................................. 8
11
Power Supply Recommendations ..................... 66
7.7
Serial Audio Port ....................................................... 9
11.1
DVDD Supply ........................................................ 66
7.8
Protection Circuitry.................................................... 9
11.2
PVDD Supply ........................................................ 66
7.9
Speaker Amplifier in All Modes ................................. 9
12
Layout................................................................... 66
7.10
Speaker Amplifier in Stereo Bridge Tied Load (BTL)
12.1
Layout Guidelines ................................................. 66
Mode ........................................................................ 10
12.2
Layout Example .................................................... 69
7.11
Speaker Amplifier in Mono Parallel Bridge Tied
Load (PBTL) Mode................................................... 12
13
Device and Documentation Support ................. 73
7.12
I²C Control Port ..................................................... 14
13.1
Documentation Support ........................................ 73
7.13
Typical Idle, Mute, Shutdown, Operational Power
13.2
Community Resources.......................................... 73
Consumption ............................................................ 15
13.3
Trademarks ........................................................... 73
7.14
Typical Characteristics (Stereo BTL Mode):
13.4
Electrostatic Discharge Caution ............................ 73
fSPK_AMP = 384 kHz.................................................. 19
13.5
Glossary ................................................................ 73
7.15
Typical Characteristics (Stereo BTL Mode):
14
Mechanical, Packaging, and Orderable
fSPK_AMP = 768 kHz.................................................. 21
Information ........................................................... 73
7.16
Typical Characteristics (Mono PBTL Mode):
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (October 2013) to Revision D
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Revision B (July 2013) to Revision C
Page
•
Changed Figure 57 ............................................................................................................................................................... 61
•
Changed Figure 58 ............................................................................................................................................................... 64
Changes from Revision A (July 2013) to Revision B
Page
•
Changed Features list item, Audio Performance From: RLOAD = 8Ω To: RSPK = 8Ω .............................................................. 1
•
Changed From: Voltage at speaker amplifier output pins To: Speaker Amplifier Output Voltage in the Abs Max table ....... 7
•
Changed Figure 30 .............................................................................................................................................................. 24
•
Changed the Soft Clipper Control (SFT_CLIP Pin) section.................................................................................................. 33
2
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5760M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com