Electronic Components Datasheet Search
  English  ▼

X  

TAS5760MDAPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760MDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760MDAPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5760MDAPR Datasheet HTML 3Page - Texas Instruments TAS5760MDAPR Datasheet HTML 4Page - Texas Instruments TAS5760MDAPR Datasheet HTML 5Page - Texas Instruments TAS5760MDAPR Datasheet HTML 6Page - Texas Instruments TAS5760MDAPR Datasheet HTML 7Page - Texas Instruments TAS5760MDAPR Datasheet HTML 8Page - Texas Instruments TAS5760MDAPR Datasheet HTML 9Page - Texas Instruments TAS5760MDAPR Datasheet HTML 10Page - Texas Instruments TAS5760MDAPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
TAS5760M
www.ti.com
SLOS772D – JULY 2013 – REVISED JULY 2015
Pin Functions (continued)
TAS5760M
INTERNAL
NO.
TYPE(1)
DESCRIPTION
TERMINATION
NAME
22,
Ground for power device circuitry (NOTE: This terminal should be connected to
PGND
G
-
27
the system ground)
21,
PVDD
P
-
Power Supply for internal power circuitry
28
Bit clock for the digital signal that is active on the serial data port's input data
SCLK
15
DI
Weak Pull-Down
line
SDIN
16
DI
Weak Pull-Down
Data line to the serial data port
SFT_CLIP
2
AI
-
Sets the maximum output voltage before clipping
SPK_FAULT
6
DO
Open Drain
Fault terminal, which is pulled LOW when an internal fault occurs
SPK_GAIN0
11
DI
Weak Pull-Down
Adjusts the LSB of the multi-bit gain of the speaker amplifier
SPK_GAIN1
12
DI
Weak Pull-Down
Adjusts the MSB of the multi-bit gain of the speaker amplifier
SPK_SLEEP/
13
DI
Weak Pull-Up
Places the speaker amplifier in mute
ADR
SPK_OUTA-
26
AO
-
Negative terminal for differential speaker amplifier output A
SPK_OUTA+
29
AO
-
Positive terminal for differential speaker amplifier output A
SPK_OUTB-
23
AO
-
Negative terminal for differential speaker amplifier output B
SPK_OUTB+
20
AO
-
Positive terminal for differential speaker amplifier output B
SPK_SD
7
DI
-
Places the device in shutdown when pulled LOW
VCOM
4
P
-
Bias voltage for internal PWM conversion block
Provides both electrical and thermal connection from the device to the board. A
PowerPAD™
-
G
-
matching ground pad must be provided on the PCB and the device connected
to it via solder
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Ambient Operating Temperature, TA
–25
85
°C
Temperature
Ambient Storage Temperature, TS
–40
125
°C
AVDD Supply
–0.3
30
V
Supply Voltage
PVDD Supply
–0.3
30
V
DVDD Supply
–0.3
4
V
DVDD Referenced Digital
Digital Inputs referenced to DVDD supply
–0.5
DVDD + 0.5
V
Input Voltages
Speaker Amplifier Output
VSPK_OUTxx, measured at the output pin
–0.3
32
V
Voltage
Storage temperature range, Tstg
–40
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
4000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
1500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TAS5760M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com