Electronic Components Datasheet Search
  English  ▼

X  

TMG4903 Datasheet(PDF) 47 Page - ams AG

Part # TMG4903
Description  Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMG4903 Datasheet(HTML) 47 Page - ams AG

Back Button TMG4903 Datasheet HTML 43Page - ams AG TMG4903 Datasheet HTML 44Page - ams AG TMG4903 Datasheet HTML 45Page - ams AG TMG4903 Datasheet HTML 46Page - ams AG TMG4903 Datasheet HTML 47Page - ams AG TMG4903 Datasheet HTML 48Page - ams AG TMG4903 Datasheet HTML 49Page - ams AG TMG4903 Datasheet HTML 50Page - ams AG TMG4903 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 104 page
background image
ams Datasheet
Page 47
[v1-02] 2015-May-14
Document Feedback
TMG4903 − Register Description
IRBeam Status Register (ISTATUS 0xA8)
Figure 54:
IRBeam Status Register
IRBeam Start Register (ISTART 0xA9)
Figure 55:
IRBeam Start Register
765
4
3
2
1
0
Reserved
IINT
IBUSY
Field
Bits
Description
Reserved
7:2
Reserved.
IINT
1
IRBeam Interrupt. If IIEN is set, indicates that the device is asserting an
end-of-transmission interrupt after transmitting a block of data. Bit is mirrored
in the STATUS register.
IBUSY
0
IRBeam Busy. Indicates an IRBeam transmission is in progress.
7
6
543
2
1
0
Reserved
ISTARTREMCON
ISTARTMOBEAM
Field
Bits
Description
Reserved
7:2
Reserved.
ISTARTREMCON
1
IRBeam Start Remote Control. Write 1 to start the remote control
machine, executing from address 0. Transmission can be stopped by
writing a 0 to this bit.
ISTARTMOBEAM
0
IRBeam Start mobeam. Write 1 to start a mobeam transmission.
Transmission can be stopped by writing a 0 to this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com