Electronic Components Datasheet Search
  English  ▼

X  

TMG4903 Datasheet(PDF) 48 Page - ams AG

Part # TMG4903
Description  Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMG4903 Datasheet(HTML) 48 Page - ams AG

Back Button TMG4903 Datasheet HTML 44Page - ams AG TMG4903 Datasheet HTML 45Page - ams AG TMG4903 Datasheet HTML 46Page - ams AG TMG4903 Datasheet HTML 47Page - ams AG TMG4903 Datasheet HTML 48Page - ams AG TMG4903 Datasheet HTML 49Page - ams AG TMG4903 Datasheet HTML 50Page - ams AG TMG4903 Datasheet HTML 51Page - ams AG TMG4903 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 104 page
background image
Page 48
ams Datasheet
Document Feedback
[v1-02] 2015-May-14
TMG4903 − Register Description
Configuration Register Three (CFG3 0xAB)
Figure 56:
Configuration Register Three
76
5
4
3
2
1
0
Reserved
LTF_USEPROX
Reserved
SAI
Reserved
Field
Bits
Description
Reserved
7
Reserved.
LTF_USEPROX
6
Use Proximity Photodiodes for ALS Measurement. Connects the IR-sensitive
proximity/gesture photodiodes to the ALS engine in order to collect ALS data in
the IR band. The data registers contain the following channel data depending on
the LTF_USEPROX setting.
16-bit Output Registers
LTF_USEPROX
High
Low
0
1
0x95
0x94
Clear
North
0x97
0x96
Red
South
0x99
0x98
Green
West
0x9B
0x9A
Blue
East
Reserved
5
Reserved.
SAI
4
Sleep After Interrupt. Powers down the device at the end of a proximity/ALS
cycle if an interrupt has been generated. Note that SAI does not modify any
register bits directly, it rather uses the interrupt signal to turn off the oscillator. The
only way to "wake up" the device from SAI-sleep is by clearing the SAI_ACTIVE
flag.
PON
SAI
INT (Low Active)
Oscillator
0Off
10
On
11
1
On
1
1
0
Off (sleep after interrupt)
Reserved
3:0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com