Electronic Components Datasheet Search
  English  ▼

X  

TMG4903 Datasheet(PDF) 5 Page - ams AG

Part # TMG4903
Description  Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMG4903 Datasheet(HTML) 5 Page - ams AG

  TMG4903 Datasheet HTML 1Page - ams AG TMG4903 Datasheet HTML 2Page - ams AG TMG4903 Datasheet HTML 3Page - ams AG TMG4903 Datasheet HTML 4Page - ams AG TMG4903 Datasheet HTML 5Page - ams AG TMG4903 Datasheet HTML 6Page - ams AG TMG4903 Datasheet HTML 7Page - ams AG TMG4903 Datasheet HTML 8Page - ams AG TMG4903 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 104 page
background image
ams Datasheet
Page 5
[v1-02] 2015-May-14
Document Feedback
TMG4903 − Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Recommended
Operating Conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Figure 5:
Absolute Maximum Ratings
Note(s) and/or Footnote(s):
1. All voltages with respect to GND
2. Measured with LDR = OFF or LDR = ON and LDRIVE = 310mA.
Symbol
Parameter
Min
Max
Units
Comments
VDD
Supply voltage
-0.3
2.2
V
VLEDA
LED anode supply
-0.3
3.6
V
VIO
Digital I/O terminal voltage
-0.3
3.6
V
VLDR
Terminal voltage
-0.3
3.6
V
see note (2)
IIO
Output terminal current
-1
20
mA
Tstg
Storage temperature range
-40
85
ºC
ESDHBM
ESD tolerance, human body
model
±2000
V
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com