Electronic Components Datasheet Search
  English  ▼

X  

2M804 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # 2M804
Description  SMALLER, LIGHTER-WEIGHT ALTERNATIVE FOR D3899 PERFORMANCE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2M804 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button 2M804 Datasheet HTML 14Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 15Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 16Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 17Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 18Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 19Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 20Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 21Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
319
2M803 DIMENSIONS BAYONET COUPLING
All dimensions in inches (millimeters in blue)
FLANGE MOUNT RECEPTACLE
SHELL
SIZE
A MAX.
B BSC.
C REF.
D DIA.
E THREAD
F DIA.
IN.
MM.
IN.
MM.
IN.
MM.
IN.
MM.
IN.
MM.
5
0.703
17.86
0.513
13.03
0.460
11.68
0.300
7.62
.2500-32 UNEF-2A
0.230
5.84
6
0.788
20.02
0.598
15.19
0.522
13.26
0.362
9.19
.3125-32 UNEF-2A
0.286
7.26
7
0.890
22.61
0.708
17.98
0.590
14.99
0.436
11.07
.4375-28 UNEF-2A
0.390
9.91
8
1.154
29.31
0.964
24.49
0.668
16.97
0.500
12.70
.5000-28 UNEF-2A
0.440
11.18
9
1.207
30.66
1.017
25.83
0.721
18.31
0.561
14.25
.5625-24 UNEF-2A
0.500
12.70
10
1.291
32.79
1.101
27.97
0.795
20.19
0.635
16.13
.6250-24 UNEF-2A
0.562
14.27
12
1.394
35.41
1.204
30.58
0.874
22.20
0.714
18.14
.6875-24 UNEF-2A
0.650
16.51
14
1.545
39.24
1.280
32.51
1.050
26.67
0.865
21.97
.9375-20 UNEF-2A
0.805
20.45
FLANGE MOUNT PANEL CUTOUTS
SHELL SIZE
A BSC.
B DIA.
IN.
MM.
IN.
MM.
5
0.513
13.03
0.365
9.25
6
0.598
15.19
0.430
10.92
7
0.708
17.98
0.520
13.21
8
0.964
17.98
0.592
15.04
9
1.017
25.83
0.645
16.38
10
1.101
27.97
0.726
18.44
12
1.204
30.58
0.832
21.13
14
1.280
32.51
0.945
24.00
JAM NUT RECEPTACLES
SHELL
SIZE
A DIA.
B FLAT
C FLAT
D DIA.
E THREAD
F THREAD
G DIA.
IN.
MM.
IN.
MM.
IN.
MM.
IN.
MM.
IN.
MM.
5
0.575
14.61
0.545
13.84
0.350
8.89
0.300
7.62
.3750-32 UNEF-2A
.2500-32 UNEF-2A
0.230
5.84
6
0.635
16.13
0.595
15.11
0.410
10.41
0.362
9.19
.4375-28 UNEF-2A
.3125-32 UNEF-2A
0.286
7.26
7
0.755
19.18
0.723
18.36
0.536
13.61
0.436
11.07
.5625-32 UN-2A
.4375-28 UNEF-2A
0.390
9.91
8
0.830
21.08
0.790
20.11
0.593
15.10
0.500
12.70
.6250-28 UN-2A
.5000-28 UNEF-2A
0.440
11.18
9
0.830
21.08
0.790
20.07
0.596
15.14
0.561
14.25
.6250-28 UN-2A
.5625-24 UNEF-2A
0.500
12.70
10
0.955
24.26
0.925
23.51
0.721
18.31
0.635
16.13
.7500-28 UN-2A
.6250-24 UNEF-2A
0.562
14.27
12
1.078
27.38
1.044
26.52
0.845
21.46
0.714
18.14
.8750-28 UN-2A
.6875-24 UNEF-2A
0.650
16.51
14
1.264
32.11
1.230
31.24
1.022
25.96
0.865
21.97
1.0625-20 UN-2A
.9375-20 UNEF-2A
0.805
20.45
A BSC
B DIA
2X DIA .122 (3.1)
F DIA
D DIA
.880 (22.35) MAX
.485 (12.32)
.425 (10.80)
E THREAD
A MAX
B BSC
C REF
45°
MASTER KEYWAY
.110/.103
(2.79/2.62)
2 PLCS
D DIA
.850(21.59)MAX
.485 (12.32)
.425 (10.80)
JAM NUT PANEL CUTOUTS
SHELL SIZE
A FLAT
B DIA.
IN.
MM.
IN.
MM.
5
0.355
9.02
0.382
9.70
6
0.415
10.54
0.445
11.30
7
0.541
13.74
0.572
14.53
8
.603/.599
15.32/15.21
0.635
16.13
9
0.601
15.27
0.643
16.33
10
.731/.727
18.57/18.47
0.76
18.29
12
0.850
21.59
0.885
22.48
14
1.031
23.19
1.072
27.23
B
G DIA.
.100 (2.54) MAX
PANEL THICKNESS
D DIA.
C
FLAT
B
FLATS TYP
1.030 (26.16)
MAX
.580 (14.73)
F THREAD
E THREAD
E THREAD
MASTER
KEYWAY
A DIA.
.100 (2.54) MAX
PANEL THICKNESS
D DIA.
.580 (14.73)
1.060 (26.92)
MAX
B DIA.
A FLAT
A BSC
B DIA
2X DIA .122 (3.1)
F DIA
D DIA
.880 (22.35) MAX
.485 (12.32)
.425 (10.80)
E THREAD
A MAX
B BSC
C REF
45°
MASTER KEYWAY
.110/.103
(2.79/2.62)
2 PLCS
D DIA
.850(21.59)MAX
.485 (12.32)
.425 (10.80)
A BSC
B DIA
2X DIA .122 (3.1)
F DIA
D DIA
.880 (22.35) MAX
.485 (12.32)
.425 (10.80)
E THREAD
A MAX
B BSC
C REF
45°
MASTER KEYWAY
.110/.103
(2.79/2.62)
2 PLCS
D DIA
.850(21.59)MAX
.485 (12.32)
.425 (10.80)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com