Electronic Components Datasheet Search
  English  ▼

X  

2M804 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # 2M804
Description  SMALLER, LIGHTER-WEIGHT ALTERNATIVE FOR D3899 PERFORMANCE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2M804 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button 2M804 Datasheet HTML 23Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 24Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 25Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 26Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 27Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 28Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 29Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 30Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 31Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
327
2M804 ACCESSORIES
RUBBER DUSTCAPS
SHELL SIZE FOR 2M804
RUBBER NON-CONDUCTIVE DUSTCAPS WITH NYLON ROPE LANYARD
FOR PLUG WITH RING ATTACH-
MENT
FOR FLANGED RECEPTACLE WITH
RING ATTACHEMENT
FOR JAM NUT RECEPTACLES
FRONT MOUNT WITH LARGE RING
ATTACHMENT
5
2M809-083-5G4-02
2M809-087-5G4-15
2M809-087-5G4-08
6
2M809-083-6G4-02
2M809-087-6G4-08
2M809-087-6G4-16
7
2M809-083-7G4-02
2M809-087-7G4-17
2M809-087-7G4-18
8
2M809-083-8G4-02
2M809-087-8G4-17
2M809-087-8G4-18
9
2M809-083-9G4-02
2M809-087-9G4-18
2M809-087-9G4-10
10
2M809-083-10G5-02
2M809-087-10G4-10
2M809-087-10G4-25
12
2M809-083-12G5-02
2M809-087-12G4-19
2M809-087-12G4-12
14
2M809-083-14G6-02
2M809-087-14G4-12
2M809-087-14G4-20
STRAIN RELIEF CABLE CLAMP WITH ROTATABLE COUPLING
SHELL SIZE
PART NUMBER
THREAD SIZE 2B
CABLE ENTRY DIA.
5
2M620MS065-XX05
.2500-32 UNEF
0.11
6
2M620MS065-XX06
.3125-32 UNEF
0.17
7
2M620MS065-XX07
.4375-28 UNEF
0.23
8
2M620MS065-XX08
.5000-28 UNEF
0.30
9
2M620MS065-XX09
.5625-24 UNEF
0.30
10
2M620MS065-XX10
.6250-24 UNEF
0.36
12
2M620MS065-XX12
.6875-24 UNEF
0.42
14
2M620MS065-XX14
.9375-20 UNEF
0.48
C
Aluminum/ Black Anodize (Non-Conductive)
(RoHS)
M Aluminum/ Electroless Nickel (RoHS)
NF Aluminum/ Cadmium with Olive Drab Chromate
MT Aluminum/ Nickel-PTFE (Durmalon) (RoHS)
Z1 Stainless Steel/ Passivated
ZN Aluminum/ Zinc-Nickel with Olive Drab
Chromate
ZNU Aluminum/ Zinc-Nickel with Black Chromate
(RoHS)
REPLACE XX WITH PLATING CODE
ADDITIONAL BACKSHELLS
DESCRIPTION
PARTNUMBERPREFIX
STRAIGHT
90°
45°
Thread-On BAND-IT Adapter
2M440MS135
X
2M440ML135
X
2M440MK135
X
Low-Profile BAND-IT Adapter
2M440MS134
X
Environmental Backshell
2M370MS038
X
2M370MA038
X
2M370MB038
X
EMI Backshell
2M380MS137
X
2M380MA137
X
2M380MB137
X
Environmental EMI Backshell
2M390MS077
X
2M390MA077
X
2M390MB077
X
All Dimensions in inches (millimeters in parenthesis).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com