Electronic Components Datasheet Search
  English  ▼

X  

2M804 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # 2M804
Description  SMALLER, LIGHTER-WEIGHT ALTERNATIVE FOR D3899 PERFORMANCE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2M804 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button 2M804 Datasheet HTML 23Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 24Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 25Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 26Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 27Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 28Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 29Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 30Page - List of Unclassifed Manufacturers 2M804 Datasheet HTML 31Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
326
2M804 ACCESSORIES
SHRINK BOOTS FOR INTEGRAL ENDBELL
STRAIGHT BOOT
CABLE RANGE
RIGHT ANGLE BOOT
CABLE RANGE
BOOT
SIZE
SHELL
SIZE
HIGH-PERFORMANCE
ELASTOMER
ZERO-HALOGEN
MAX.
MIN.
MAX.
MIN.
STRAIGHT
RIGHT
ANGLE
STRAIGHT
RIGHT ANGLE
IN.
MM.
IN.
MM.
IN.
MM.
IN.
MM.
1
5
2M809S060-1 2M809A060-1 2M809S060-1H 2M809A060-1H * 0.350
9.0
0.080
2.0
0.240
6.0
0.080
2.0
2
6, 7
2M809S060-2 2M809A060-2 2M809S060-2H 2M809A060-2H 0.650 16.5 0.150
3.8
0.650 16.5 0.100
2.5
3
8, 9
2M809S060-3 2M809A060-3 2M809S060-3H 2M809A060-3H 0.920 23.4 0.220
5.6
0.920 23.3 0.220
5.6
4
10, 12
2M809S060-4 2M809A060-4 2M809S060-4H 2M809A060-4H 1.120 28.4 0.260
6.6
1.120 28.5 0.250
6.3
5
14
2M809S060-5 2M809A060-5 2M809S060-5H 2M809A060-5H 1.220 31.0 0.280
7.1
1.220 30.9 0.280
7.1
High Performance Elastomer
Pre-Coated with high-tempature adhesive
• Operating temperature -94 F to +302 F (-70 C to +150 C)
• Rated for 3000 hours of continous operation at +302 F (+150 C)
• Excellent resistance to fuels, oils, and solvents
• Spec VG95343 Part 6
Zero Halogen
Low-Smoke, Zero-Halogen Toxicity Requirements
• Meets U.S. and E.U. standards
• Pre-coated with high-tempature adhesive
• Operating temperature -22 F to +257 F (-30 C to +125 C)
• Good resistance to fuels, oils, and solvents
• Spec NAVSEA 5617649
A MIN.
D
G
F
H
E
B
C
* Size 1 Zero-halogen right-angle supplied less lip, see graphic
B
C
E
G
H
D
METAL DUSTCAPS
SHELL SIZE
FOR 2M804
METAL DUSTCAPS WITH NYLON ROPE LANYARD
FOR PLUGS WITH RING
ATTACHMENT
FOR FLANGED RECEPTACLES
WITH RING ATTACHMENT
FOR JAM NUT RECEPTACLES
REAR MOUNT WITH LARGE RING
ATTACHMENT
FOR JAM NUT RECEPTACLES
FRONT MOUNT WITH LARGE RING
ATTACHMENT
5
2M809-198-XX5-G02-4
2M667-202-XX5-G01-3R
2M667-202-XX5-G14-4R
2M667-202-XX5-G16-4R
6
2M809-198-XX6-G02-4
2M667-202-XX6-G01-3R
2M667-202-XX6-G15-4R
2M667-202-XX6-G16-4R
7
2M809-198-XX7-G02-4
2M667-202-XX7-G01-3R
2M667-202-XX7-G16-4R
2M667-202-XX7-G18-4R
8
2M809-198-XX8-G02-4
2M667-202-XX8-G01-3R
2M667-202-XX8-G16-4R
2M667-202-XX8-G18-4R
9
2M809-198-XX9-G02-4
2M667-202-XX9-G02-3R
2M667-202-XX9-G17-4R
2M667-202-XX9-G19-4R
10
2M809-198-XX10-G02-5
2M667-202-XX10-G02-3R
2M667-202-XX10-G18-4R
2M667-202-XX10-G19-4R
12
2M809-198-XX12-G02-5
2M667-202-XX12-G02-3R
2M667-202-XX12-G19-4R
2M667-202-XX12-G20-4R
14
2M809-198-XX14-G02-6
2M667-202-XX14-G02-3R
2M667-202-XX14-G20-4R
2M667-202-XX14-G20-4R
C
Aluminum/ Black Anodize (Non-Conductive) (RoHS)
M
Aluminum/ Electroless Nickel (RoHS)
NF Aluminum/ Cadmium with Olive Drab Chromate
MT Aluminum/ Nickel-PTFE (Durmalon) (RoHS)
Z1 Stainless Steel/ Passivated
ZN Aluminum/ Zinc-Nickel with Olive Drab Chromate
ZNU Aluminum/ Zinc-Nickel with Black Chromate (RoHS)
REPLACE XX WITH PLATING CODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com