Electronic Components Datasheet Search
  English  ▼

X  

BAT165 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAT165
Description  Silicon Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT165 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAT165 Datasheet HTML 1Page - Infineon Technologies AG BAT165 Datasheet HTML 2Page - Infineon Technologies AG BAT165 Datasheet HTML 3Page - Infineon Technologies AG BAT165 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Nov-07-2002
1
BAT165...
Silicon Schottky Diode
 Medium current Schottky rectifier diode
 For low-loss, fast-recovery, meter protection,
bias isolation and clamping applications
 Miniature plastic package for surface
mounting (SMD)
BAT165
1
2
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Package
Configuration
Marking
BAT165
SOD323
single
C/White
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
40
V
Forward current
IF
750
mA
Surge forward current, (t
 10ms)
IFSM
2.5
A
Average forward current (50/60Hz, sinus)
IFAV
500
mA
Total power dissipation
TS  66°C
Ptot
600
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
RthJS
 140
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BAT165

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT165 SIEMENS-BAT165 Datasheet
23Kb / 3P
Silicon Schottky Diode (Low-power Schottky rectifier diode Miniature plastic package for surface mounting SMD)
logo
Infineon Technologies A...
BAT165 INFINEON-BAT165 Datasheet
69Kb / 6P
Medium Power AF Schottky Diode
2007-04-19
BAT165 INFINEON-BAT165 Datasheet
2Mb / 20P
Single-channel isolated gate driver IC with adjustable DESAT and soft-off
v1.0 2020-05-27
BAT165 INFINEON-BAT165 Datasheet
9Mb / 27P
EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
logo
Nexperia B.V. All right...
BAT165A NEXPERIA-BAT165A Datasheet
683Kb / 13P
40 V, 0.75 A medium power Schottky barrier rectifier
More results

Similar Description - BAT165

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS52 INFINEON-BAS52 Datasheet
394Kb / 4P
Silicon Schottky Diode
Nov-04-2002
BAS140W INFINEON-BAS140W Datasheet
506Kb / 8P
Silicon Schottky Diode
Jan-16-200
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
Silicon Schottky Diode
Aug-06-2001
BAT14 INFINEON-BAT14 Datasheet
386Kb / 3P
Silicon Schottky Diode
Feb-03-2003
BAT60B INFINEON-BAT60B Datasheet
419Kb / 4P
Silicon Schottky Diode
Jun-15-2004
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
SILICON SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT17-04W KEXIN-BAT17-04W Datasheet
47Kb / 1P
Silicon Schottky Diode
logo
Infineon Technologies A...
BAT60A INFINEON-BAT60A Datasheet
65Kb / 6P
Silicon Schottky Diode
2007-04-19
logo
Central Semiconductor C...
CMOSH2-4L CENTRAL-CMOSH2-4L_15 Datasheet
494Kb / 2P
SILICON SCHOTTKY DIODE
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com