Electronic Components Datasheet Search
  English  ▼

X  

BAT165 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAT165
Description  Silicon Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT165 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAT165 Datasheet HTML 1Page - Infineon Technologies AG BAT165 Datasheet HTML 2Page - Infineon Technologies AG BAT165 Datasheet HTML 3Page - Infineon Technologies AG BAT165 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Nov-07-2002
3
BAT165...
Diode capacitance CT = (VR)
f = 1MHz
0
2
4
6
8
10
12
V
15
VR
6
10
14
18
22
26
30
34
pF
40
Reverse current IR = (VR)
TA = Parameter
0
4
8
12
16
20
24
V
30
VR
-11
10
-10
10
-9
10
-8
10
-7
10
-6
10
-5
10
-4
10
A
-40°C
-20°C
0°C
25°C
45°C
65°C
Forward current IF =  (VF)
TA = Parameter
0
0.1
0.2
0.3
0.4
0.5
0.6
V
0.8
VF
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
A
TA= -40 °C
= -20
= 0
= 25
= 45
= 65
= 85
Forward current IF =  (TS)
0
15
30
45
60
75
90 105 120 °C
150
TS
0
100
200
300
400
500
600
mA
800



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com