Electronic Components Datasheet Search
  English  ▼

X  

BAT165 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAT165
Description  Silicon Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT165 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAT165 Datasheet HTML 1Page - Infineon Technologies AG BAT165 Datasheet HTML 2Page - Infineon Technologies AG BAT165 Datasheet HTML 3Page - Infineon Technologies AG BAT165 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Nov-07-2002
2
BAT165...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current
VR = 30 V
VR = 30 V, TA = 65 °C
IR
-
-
-
-
50
900
µA
Forward voltage
IF = 10 mA
IF = 100 mA
IF = 250 mA
IF = 750 mA
VF
-
-
-
-
0.305
0.38
0.44
0.58
0.4
-
0.7
-
V
AC Characteristics
Diode capacitance
VR = 10 V, f = 1 MHz
CT
-
8.4
12
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com