Electronic Components Datasheet Search
  English  ▼

X  

AL1696 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL1696
Description  HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1696 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL1696 Datasheet HTML 4Page - Diodes Incorporated AL1696 Datasheet HTML 5Page - Diodes Incorporated AL1696 Datasheet HTML 6Page - Diodes Incorporated AL1696 Datasheet HTML 7Page - Diodes Incorporated AL1696 Datasheet HTML 8Page - Diodes Incorporated AL1696 Datasheet HTML 9Page - Diodes Incorporated AL1696 Datasheet HTML 10Page - Diodes Incorporated AL1696 Datasheet HTML 11Page - Diodes Incorporated AL1696 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AL1696
Document number: DS38304 Rev. 1 - 2
8 of 14
www.diodes.com
October 2015
© Diodes Incorporated
AL1696
Functional Description and Application Information
Convertor Operation
The AL1696 is a single stage, single winding inductor, high efficiency, and high power factor LED driver solution for mains input phase-cutting
dimmable application. It is available for three internal MOSFET options (300V/3A, 500V/2A and 600V/2A) which helps to reduce the overall LED
driver solution
’s size and optimize bom cost. The three different MOSFET options can cover most of 3~12W dimmable applications.
The AL1696 internal MOSFET
’s on time is limited by tON_MAX which is set through RT pin and internal 0.4V reference. The MOSFET will be turned
off either its on time triggers tON_MAX or input voltage on CS pin triggers internal 0.4V reference voltage. So if the tON_MAX is set to a very small
value, the system will operate in constant on-time (tON_MAX) mode during the whole rectified mains cycle. It will result in a good power factor, but
the line regulation will be worse. Normally, a recommended tON_MAX should make the system operate in constant on-time (tON_MAX) mode at valley
of input voltage and peak current mode at the crest. A trade off between PF and line regulation need to be done when setting tON_MAX.
The AL1696 adopts source-driver technology to decrease the system operating current. Besides, it uses a novel tOFF time detection method
without auxiliary winding. The AL1696 operates in boundary conduction mode (BCM) which can ease EMI design. All of them help AL1696 to have
an extremely low bill of material (BOM).
R1
C1
R3
C4
R6
R5
C2
D2
R4
R2
L1
AC
Input
FR1
DB1
NC
RT
GND
CS
NC
VCC
D
1
2
3
4
7
6
5
C5
D1
L2
R7
LEDS
C3
Figure 1. Typical Buck-Boost Application Circuit
Start-up and Supply Voltage
During start-up, the VCC capacitor C4 is charged through startup resistors (R2, R3) from the rectified mains input until the start-up voltage is
reached, the AL1696 starts switching. In normal operation, the VCC supply is provided from two paths: one is from start-up resisters (R2, R3) and
the other is from output voltage (VOUT) through one diode (D2). In this way the system can provide sufficient VCC supply at low dimming angle.
The AL1696 has internal VCC clamp, the typical voltage is 16V. VCC voltage needs to be between VOPR(min) and VCC_CLAMP during normal
operation.
When VCC voltage drops below the under voltage lockout (UVLO), IC will stop switching. The IC will restart once the voltage on VCC pin exceeds
the startup voltage (VTH(ST)) again.
Protections
Under Voltage Lockout (UVLO)
When the voltage on the VCC pin drops below VOPR(Min), the IC will stop switching. The IC will restart until the VCC voltage exceeds the startup
voltage (VTH (ST)) again.
Leading-Edge Blanking (LEB)
To prevent false detection of the peak current through MOSFET, a blanking time following switch-on is designed. When the internal switch turns
on, a short current spike may appear because of the discharge of the parasitic capacitor over MOSFET
’s drain and source. It will be ignored
during the LEB time (tON_MIN).
Cycle-by-cycle Over Current Protection (OCP)
The AL1696 has a built-in peak current detector. The R5 connected to the CS pin is used to sense the current through MOSFET and will be one of
the inputs. The detection circuit is activated after the LEB time. When the voltage on CS pin reaches VREF, the IC will turn off the switch to limit the
output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com