Electronic Components Datasheet Search
  English  ▼

X  

AL1696 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AL1696
Description  HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1696 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AL1696 Datasheet HTML 6Page - Diodes Incorporated AL1696 Datasheet HTML 7Page - Diodes Incorporated AL1696 Datasheet HTML 8Page - Diodes Incorporated AL1696 Datasheet HTML 9Page - Diodes Incorporated AL1696 Datasheet HTML 10Page - Diodes Incorporated AL1696 Datasheet HTML 11Page - Diodes Incorporated AL1696 Datasheet HTML 12Page - Diodes Incorporated AL1696 Datasheet HTML 13Page - Diodes Incorporated AL1696 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AL1696
Document number: DS38304 Rev. 1 - 2
10 of 14
www.diodes.com
October 2015
© Diodes Incorporated
AL1696
Functional Description and Application information (Cont.)
2
2
PEAK
L
em
LI
N
AB
Where,
Ae is the core effective area.
Bm is the maximum magnetic flux density.
tON_MAX Setting
In order to get a high power factor and good dimmer compatibility, the system should operate in constant on time mode at valley of input voltage. It
can be realized by setting the maximum on time, which is set by on external resistor connect to RT pin.
And the tON time has the below equation:
_
_
25
6
REF
ON
MAX
RT
REF
CR
t
V

Where,
VRT_REF is the internal RT pin 0.5V’s reference.
CREF is the internal 6pF capacitor.
Dimmer Compatibility
Passive Bleeder Design
The passive bleeder is designed to supply latching and holding current to get rid of dimmer
’s misfire and flicker.
DB1
C1
L1
R1
FR1
L
N
C2
Passive
Bleeder
Damping
DB1
Figure 2. LED Driver Schematic with Passive Bleeder
The passive bleeder includes a capacitor (C2, in hundreds of nF) to provide latching current and a resistor (R1) to limit the current spike. Because
a large C2 will affect the PF, THD and efficiency negatively, the value of the capacitor (C2) should be selected carefully. Generally, a capacitance
from 100nF/400V to 330nF/400V is recommended. R1 is used to limit the latching current. If R1 is too big, the latching current will be not enough
and the TRIAC dimmer will be misfired, resulting in LED flicker. If R1 is too small, it will result in greater power dissipation. Generally
, a 200Ω to
2KΩ resistor is recommended for R1.
Passive Damping Design
FR1 is to limit the spike current caused by quick charging of C2 when dimmer on. Normally, FR1 will be chosen
from 20Ω to 100Ω for low line like
120VAC application, and 51Ω to 200Ω for high line like 230VAC application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com