Electronic Components Datasheet Search
  English  ▼

X  

AL1696 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AL1696
Description  HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1696 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AL1696 Datasheet HTML 5Page - Diodes Incorporated AL1696 Datasheet HTML 6Page - Diodes Incorporated AL1696 Datasheet HTML 7Page - Diodes Incorporated AL1696 Datasheet HTML 8Page - Diodes Incorporated AL1696 Datasheet HTML 9Page - Diodes Incorporated AL1696 Datasheet HTML 10Page - Diodes Incorporated AL1696 Datasheet HTML 11Page - Diodes Incorporated AL1696 Datasheet HTML 12Page - Diodes Incorporated AL1696 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AL1696
Document number: DS38304 Rev. 1 - 2
9 of 14
www.diodes.com
October 2015
© Diodes Incorporated
AL1696
Functional Description and Application Information (Cont.)
The peak current (IPEAK) of the MOSFET can be set as below:
5
REF
PEAK
V
I
R
It automatically provides a cycle-by-cycle protection of maximum current through MOSFET during operation. A propagation delay exists between
over current detection and actual source-switch off, so the actual peak current will be a little higher than the OCP level set by R5.
Output-Short Protection (OSP)
When LED is shorted, the device can
’t detect the tOFF time, and the system will work with low switching frequency of 5kHz.
Over-Temperature Protection (OTP)
The AL1696 has OTP protection function. When the junction temperature reaches +170°C typical, it will trigger an over-temperature protection
which makes IC shut down and latched. Once OTP is triggered, the system will only restart after the system
’s power supply powers off and on
again.
Design Parameters based on buck-boost topology
Setting the Current Sense Resistor R5
In AL1696 typical application, a tON_MAX is recommended to make the system operate at constant on-time (tON_MAX) mode at valley of input
voltage and peak current mode at the crest. In most of cases, the tON_MAX will set to be 1.3 times of the tON at crest, and the critical angle of two
operation modes will be:
1
sin
1.3
a



Then the output current can be calculated as below:
_
_
_
_
0
_
_
_
2
sin( )
2
sin( )
2
sin( )
( 1.3 sin( )
+
1.3 sin( )
)
25
2
sin( )
2
sin( )
2
sin( )
IN
RMS
IN
RMS
IN
RMS
REF
O MEAN
IN
RMS
O
IN
RMS
O
IN
RMS
O
V
V
V
V
I
dt
dt
dt
R
V
V
V
V
V
V
 
 

Where,
VREF is the internal reference, typical 0.4V.
R5 is the current sense resistor.
VIN_RMS is the input voltage’s RMS value.
VO is the system output voltage.
Inductance Selection (L2)
The peak current of the MOSFET is calculated as below:
5
REF
PEAK
V
I
R
The AL1696 is operating in boundary conduction mode which results in a variable operating frequency. The minimum switching frequency fMIN
should be set at the crest of the minimum AC input voltage. Inductance should be calculated according to the chosen fMIN:
_
_
2
2
2+
IN
RMS
O
PEAK
IN
RMS
O
MIN
VV
L
I
V
V
f

(
)
According to the Faraday
’s Law of Induction, the winding number of the inductance can be calculated by:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com