Electronic Components Datasheet Search
  English  ▼

X  

AL5809 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AL5809
Description  60V Two Terminal Constant Current LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5809 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AL5809 Datasheet HTML 5Page - Diodes Incorporated AL5809 Datasheet HTML 6Page - Diodes Incorporated AL5809 Datasheet HTML 7Page - Diodes Incorporated AL5809 Datasheet HTML 8Page - Diodes Incorporated AL5809 Datasheet HTML 9Page - Diodes Incorporated AL5809 Datasheet HTML 10Page - Diodes Incorporated AL5809 Datasheet HTML 11Page - Diodes Incorporated AL5809 Datasheet HTML 12Page - Diodes Incorporated AL5809 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AL5809
Document number: DS36625 Rev. 3 - 2
9 of 13
www.diodes.com
October 2014
© Diodes Incorporated
AL5809
Ordering Information
AL5809 - XXX XX - 7
Packing
Package
7 : Tape & Reel
P1 : PDI123
S1 : SOD-123
Current Option
15 : 15mA
20 : 20mA
30 : 30mA
40 : 40mA
50 : 50mA
60 : 60mA (PDI123 only)
90 : 90mA (PDI123 only)
120 : 120mA (PDI123 only)
150 : 150mA (PDI123 only)
Part Number
LED Current
Opion
Package
Code
Packaging
(Notes 12 & 13)
7” Tape and Reel
Quantity
Part Number Suffix
AL5809-15P1-7
15mA
P1
PDI123
3000/ Tape & Reel
-7
AL5809-20P1-7
20mA
P1
PDI123
3000/ Tape & Reel
-7
AL5809-30P1-7
30mA
P1
PDI123
3000/ Tape & Reel
-7
AL5809-40P1-7
40mA
P1
PDI123
3000/ Tape & Reel
-7
AL5809-50P1-7
50mA
P1
PDI123
3000/ Tape & Reel
-7
AL5809-60P1-7
60mA
P1
PDI123
3000/ Tape & Reel
-7
AL5809-90P1-7
90mA
P1
PDI123
3000/ Tape & Reel
-7
AL5809-120P1-7
120mA
P1
PDI123
3000/ Tape & Reel
-7
AL5809-150P1-7
150mA
P1
PDI123
3000/ Tape & Reel
-7
AL5809-15S1-7
15mA
S1
SOD-123
3000/ Tape & Reel
-7
AL5809-20S1-7
20mA
S1
SOD-123
3000/ Tape & Reel
-7
AL5809-30S1-7
30mA
S1
SOD-123
3000/ Tape & Reel
-7
AL5809-40S1-7
40mA
S1
SOD-123
3000/ Tape & Reel
-7
AL5809-50S1-7
50mA
S1
SOD-123
3000/ Tape & Reel
-7
Notes:
12. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at http://www.diodes.com/products/lead_free.html.
13. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com