Electronic Components Datasheet Search
  English  ▼

X  

AL5809 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL5809
Description  60V Two Terminal Constant Current LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5809 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL5809 Datasheet HTML 1Page - Diodes Incorporated AL5809 Datasheet HTML 2Page - Diodes Incorporated AL5809 Datasheet HTML 3Page - Diodes Incorporated AL5809 Datasheet HTML 4Page - Diodes Incorporated AL5809 Datasheet HTML 5Page - Diodes Incorporated AL5809 Datasheet HTML 6Page - Diodes Incorporated AL5809 Datasheet HTML 7Page - Diodes Incorporated AL5809 Datasheet HTML 8Page - Diodes Incorporated AL5809 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AL5809
Document number: DS36625 Rev. 3 - 2
2 of 13
www.diodes.com
October 2014
© Diodes Incorporated
AL5809
Pin Descriptions
Pin
Name
Pin
Number
(PowerDi-123)
Function
In
1
LED current input terminal.
For low side LED string application, connect the LED cathode terminal to the
“In”
terminal. For high side LED string application, connect the LED anode terminal to the
“Out” terminal.
Out
2
LED Current Output terminal.
For low side LED string applicatio
n, connect the LED anode terminal to the “Out”
terminal. For high side LED string application, connect the LED cathode terminal to the
“Out” terminal.
Functional Block Diagram
Absolute Maximum Ratings
Symbol
Parameters
Ratings
Unit
VInOut
“In” Voltage Relative to “Out” Pin
80
V
IInOut
LED Current from
“In” to “Out”
180
mA
ESD HBM
Human Body Model ESD Protection
4
kV
ESD MM
Machine Model ESD Protection
400
V
TJ
Operating Junction Temperature
-40 to +175
°C
TST
Storage Temperature
-55 to +150
°C
Caution:
Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may
be
affected by exposure to absolute maximum rating conditions for extended periods of time.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when
handling and transporting these devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com