Electronic Components Datasheet Search
  English  ▼

X  

AL5809 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL5809
Description  60V Two Terminal Constant Current LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5809 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL5809 Datasheet HTML 1Page - Diodes Incorporated AL5809 Datasheet HTML 2Page - Diodes Incorporated AL5809 Datasheet HTML 3Page - Diodes Incorporated AL5809 Datasheet HTML 4Page - Diodes Incorporated AL5809 Datasheet HTML 5Page - Diodes Incorporated AL5809 Datasheet HTML 6Page - Diodes Incorporated AL5809 Datasheet HTML 7Page - Diodes Incorporated AL5809 Datasheet HTML 8Page - Diodes Incorporated AL5809 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AL5809
Document number: DS36625 Rev. 3 - 2
1 of 13
www.diodes.com
October 2014
© Diodes Incorporated
AL5809
60V Two Terminal Constant Current LED Driver
Description
The AL5809 is a constant current linear LED driver and provides a
cost-effective two pin solution.
It has an excellent temperature
stability of 20 ppm/°C and current accuracy ±5% regulated over a
wide voltage and temperature range. The AL5809 comes in various
fixed output current versions removing the need for external current
setting resistors creating a simple solution for the linear driving of
LEDs. It supports both the high-side and low-side driving of LED
chains.
The AL5809 turns on immediately and can swing from 2.5V up to
60V enabling drive long LED chains. The floating ground, 60V
voltage rating between input and output pins designed to withstand
the high peak voltage incurred in offline applications.
The AL5809 is available in thermally robust package POWERDI-123
or SOD-123 package.
Features
Robust power package up to 1.2W
for POWERDI-123
-40°C to +125°C temperature range
±5% LED current tolerance over temperature
(15mA, 20mA, 30mA, 40mA, 50mA, 60mA, 90mA, 120mA, and
150mA) available in POWERDI-123 package
(15mA, 20mA, 30mA, 40mA and 50mA) available in SOD-123
package, and other current options available by request
Constant current with low temperature drift and high power
supply rejection ratio
2.5V to 60V operating voltage between two terminals.
Available in PowerDi-123 and SOD-123 in
“Green” Molding
Compound (No Br, Sb) (Note 1) with Lead-Free Finish/RoHS
Compliant (Notes 2 & 3)
Pin Assignments
IN
OUT
1
2
AL5809
Applications
Offline LED Lamps
LED Power Supplies
White Goods
LED Signs
Instrumentation Illumination
Notes:
1. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
2. No purposely added lead. Fully compliant EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2).
3. See http://www.diodes.com
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
Typical Applications Circuit
VIN
Low Side LED String
IN
OUT
1
2
AL5809
VIN
High Side LED String
IN
OUT
1
2
AL5809


Similar Part No. - AL5809

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5809 DIODES-AL5809 Datasheet
706Kb / 16P
60V Two Terminal Constant Current LED Driver
Rev 5
AL5809-100P1-7 DIODES-AL5809-100P1-7 Datasheet
706Kb / 16P
60V Two Terminal Constant Current LED Driver
Rev 5
AL5809-100QP1-7 DIODES-AL5809-100QP1-7 Datasheet
988Kb / 12P
AUTOMOTIVE COMPLIANT 60V Two Terminal Constant Current LED Driver PowerDI
Rev 1
AL5809-100QP1-7 DIODES-AL5809-100QP1-7 Datasheet
520Kb / 12P
AUTOMOTIVE COMPLIANT 60V TWO TERMINAL CONSTANT CURRENT LED DRIVER
Rev 2
AL5809-120P1-7 DIODES-AL5809-120P1-7 Datasheet
659Kb / 12P
15-150mA 60V Constant Current Regulator
Rev 1
More results

Similar Description - AL5809

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL6003 ETC2-XL6003 Datasheet
275Kb / 9P
400KHz 60V 2A Switching Current Boost LED Constant Current Driver
XL6006 ETC2-XL6006 Datasheet
175Kb / 10P
180KHz 60V 5A Switching Current Boost LED Constant Current Driver
logo
Diodes Incorporated
AL5809Q DIODES-AL5809Q Datasheet
988Kb / 12P
AUTOMOTIVE COMPLIANT 60V Two Terminal Constant Current LED Driver PowerDI
Rev 1
AL5809 DIODES-AL5809_16 Datasheet
706Kb / 16P
60V Two Terminal Constant Current LED Driver
Rev 5
AL5809Q DIODES-AL5809Q_17 Datasheet
520Kb / 12P
AUTOMOTIVE COMPLIANT 60V TWO TERMINAL CONSTANT CURRENT LED DRIVER
Rev 2
logo
XLSEMI
XL6005 XLSEMI-XL6005 Datasheet
420Kb / 11P
180KHz 60V 4A Switching Current Boost LED Constant Current Driver
XL6006 XLSEMI-XL6006 Datasheet
304Kb / 11P
180KHz 60V 5A Switching Current Boost LED Constant Current Driver
XL6013 XLSEMI-XL6013 Datasheet
307Kb / 12P
400KHz 60V 2A Switching Current Boost LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM6285 HMSEMI-HM6285 Datasheet
679Kb / 10P
180KHz 60V 4A Switching Current Boost LED Constant Current Driver
HM6286 HMSEMI-HM6286 Datasheet
619Kb / 11P
180KHz 60V 5A Switching Current Boost LED Constant Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com