Electronic Components Datasheet Search
  English  ▼

X  

AL8820 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AL8820
Description  40V, 2A BOOST/BUCK LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8820 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AL8820 Datasheet HTML 5Page - Diodes Incorporated AL8820 Datasheet HTML 6Page - Diodes Incorporated AL8820 Datasheet HTML 7Page - Diodes Incorporated AL8820 Datasheet HTML 8Page - Diodes Incorporated AL8820 Datasheet HTML 9Page - Diodes Incorporated AL8820 Datasheet HTML 10Page - Diodes Incorporated AL8820 Datasheet HTML 11Page - Diodes Incorporated AL8820 Datasheet HTML 12Page - Diodes Incorporated AL8820 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AL8820
Document number: DS37369 Rev. 1 - 2
9 of 15
www.diodes.com
December 2014
© Diodes Incorporated
AL8820
Application Information (Cont.)
VLED is the output voltage of Buck converter.
ILED is the output current of Buck converter.
Set ratio of
∆IL to IL(peak) as K.
)
( peak
L
L
I
I
K
RSET1 and RHYS can be obtained from above equations:
3
1
1
3
1
((
1.5) 0.6 1.4) (2
)
10
1.5
5
32
-
=
44 (2
)
10
, 0
1.5
COMP
IN
COMP
LED
LED
SET
IN
COMP
LED
LED
V
K
V
V
V
V
V
I
K
R
KV
V
V
V
V
I
K
 
 

 
 


(1 )
(1- )
4
1
1
2
10
=
(2
)
LED
LED
SET
HYS
IN
V
I
K R
R
VK
 
 
When the value of K,
η and VCOMP are provided, the value of resister RSET1 and RHYS can be calculated according to these above equations. In
order to get appropriate efficiency and Electronic Transformer (ET) compatibility, generally K is set between 0.4 and 0.8. Due to the range of
VCOMP is from 0V to 5V, in order to get output voltage regulation, generally VCOMP is set as 3V at rated input voltage.
Step-Up Converter Inductor Selection
Because of the using of the hysteretic control scheme, the switching frequency in a boost configuration can be adjusted in accordance to the value
of the inductor being used. The value of the inductor can be determined by using the following equation:
1
)
(
1
1
)
(
1
1
)
(
1
1
1
]
)
2
2
(
[
]
)
(
[
]
)
(
[
2
SW
ave
L
DSON
L
SET
F
IN
L
ave
L
SET
L
F
IN
IN
ave
L
DSON
L
SET
IN
f
I
R
R
R
V
V
I
I
R
R
V
V
V
I
R
R
R
V
L
Where:
L2 is the coil inductance.
RL is the coil resistance.
RSET1 is the current sense resistance.
RDSON1 is the switch SW1 resistance.
VIN1 is the rated input voltage of the boost converter.
VIN is the output voltage of boost converter.
VF is the diode forward voltage at the required load current.
fSW1 is the desired switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com