Electronic Components Datasheet Search
  English  ▼

X  

AL8820 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL8820
Description  40V, 2A BOOST/BUCK LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8820 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL8820 Datasheet HTML 1Page - Diodes Incorporated AL8820 Datasheet HTML 2Page - Diodes Incorporated AL8820 Datasheet HTML 3Page - Diodes Incorporated AL8820 Datasheet HTML 4Page - Diodes Incorporated AL8820 Datasheet HTML 5Page - Diodes Incorporated AL8820 Datasheet HTML 6Page - Diodes Incorporated AL8820 Datasheet HTML 7Page - Diodes Incorporated AL8820 Datasheet HTML 8Page - Diodes Incorporated AL8820 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AL8820
Document number: DS37369 Rev. 1 - 2
4 of 15
www.diodes.com
December 2014
© Diodes Incorporated
AL8820
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Parameters
Symbol
Conditions
Min
Typ
Max
Unit
Input Supply
VIN Pin Voltage
VIN
–
5
–
36
V
Quiescent Current
IQ
No Switching
–
1
–
mA
Under-Voltage Lockout Voltage
VUVLO
VIN Rising
–
4.2
–
V
UVLO Hysteresis
VHYS
–
–
500
–
mV
VCC Regulator
VCC Pin Voltage
VCC
–
4.5
5
5.5
V
Source Current Capability
–
VCC = 5V
10
–
–
mA
Load Regulation
–
–
–
4
–
%
Integrated NMOS_BUCK
MOS Voltage Stress (Note 6)
VDS1
–
–
40
–
V
MOS Current Stress (Note 6)
IDS1
–
–
2
–
A
MOS RDSON
RDSON1
–
–
250
–
m
Ω
Integrated NMOS_BOOST
MOS Voltage Stress (Note 6)
VDS2
–
–
40
–
V
MOS Current Stress (Note 6)
IDS2
–
–
2
–
A
MOS RDSON
RDSON2
–
–
250
–
m
Ω
Compensation and Soft Start (COMP Pin)
Error Amplifier Trans-conductance
GEA
–
–
1000
–
µA/V
Sourcing Current
IO_H
VCOMP = 0.5V
–
68
–
µA
Sinking Current
IO_L
VCOMP = 4.5V
–
68
–
µA
FB Pin Voltage
VFB
–
1.18
1.22
1.26
V
FB OVP Voltage
VOVP
–
1.59
1.66
1.75
V
FB OVP Voltage Hysteresis
VOVP_HYS
–
0.15
0.2
0.25
V
Hysteresis Competitor (Boost)
Boost Sense Voltage Low Level
VCS1_MIN
VCOMP = 0V
–
-90
–
mV
Hysteresis Current
IHYS
–
85
100
115
µA
Hysteresis Competitor (Buck)
Buck Sense Voltage High Level
VCSH
–
–
115
–
mV
Buck Sense Voltage Low Level
VCSL
–
–
85
–
mV
Buck Sense Voltage Average Level
VCS2_AVE
–
95
100
105
mV
Over-Temperature Protection
Thermal Shutdown (Note 6)
TOTSD
–
+140
+160
–
ºC
Thermal Shutdown Hysteresis (Note 6)
THYS
–
–
+40
–
ºC
Note 6:
These parameters, although guaranteed by design, are not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com