Electronic Components Datasheet Search
  English  ▼

X  

AL8820 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL8820
Description  40V, 2A BOOST/BUCK LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8820 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL8820 Datasheet HTML 1Page - Diodes Incorporated AL8820 Datasheet HTML 2Page - Diodes Incorporated AL8820 Datasheet HTML 3Page - Diodes Incorporated AL8820 Datasheet HTML 4Page - Diodes Incorporated AL8820 Datasheet HTML 5Page - Diodes Incorporated AL8820 Datasheet HTML 6Page - Diodes Incorporated AL8820 Datasheet HTML 7Page - Diodes Incorporated AL8820 Datasheet HTML 8Page - Diodes Incorporated AL8820 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AL8820
Document number: DS37369 Rev. 1 - 2
3 of 15
www.diodes.com
December 2014
© Diodes Incorporated
AL8820
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified. Note 4)
Parameter
Symbol
Value
Unit
VIN Pin Voltage
VIN
-0.3 to 40
V
SW1 Pin Voltage
VSW1
-0.3 to 40
V
SW2 Pin Voltage
VSW2
-0.3 to 40
V
COMP Pin Voltage
VCOMP
-0.3 to 6
V
CS1 Pin Voltage
VCS1
-0.3 to 6
V
CS2 Pin Voltage
VCS2
-0.3 to 40
V
FB Pin Voltage
VFB
-0.3 to 6
V
VCC Pin Voltage
VCC
-0.3 to 6
V
Operating Junction Temperature
TJ
+150
ºC
Storage Temperature
TSTG
-65 to +150
ºC
Thermal Resistance (Junction To Ambient) (Note 5)
θJA
66
°C/W
Lead Temperature (Soldering, 10sec)
TLEAD
+300
ºC
ESD (Machine Model)
–
200
V
ESD (Human Body Model)
–
2000
V
Notes:
4.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
5. Device mounted on FR-4 PCB (51mm x 51mm) 2oz copper, minimum recommended pad layout on top layer and thermal vias to bottom layer ground
plane. For better thermal performance, larger copper pad for heat-sink is needed.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
VIN Pin Voltage
5
36
V
TA
Ambient Temperature
-40
+105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com