Electronic Components Datasheet Search
  English  ▼

X  

AL9901 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL9901
Description  UNIVERSAL HIGH VOLTAGE LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9901 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL9901 Datasheet HTML 4Page - Diodes Incorporated AL9901 Datasheet HTML 5Page - Diodes Incorporated AL9901 Datasheet HTML 6Page - Diodes Incorporated AL9901 Datasheet HTML 7Page - Diodes Incorporated AL9901 Datasheet HTML 8Page - Diodes Incorporated AL9901 Datasheet HTML 9Page - Diodes Incorporated AL9901 Datasheet HTML 10Page - Diodes Incorporated AL9901 Datasheet HTML 11Page - Diodes Incorporated AL9901 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AL9901
Document number: DS37713 Rev. 1 - 2
8 of 20
www.diodes.com
March 2015
© Diodes Incorporated
AL9901
Typical Characteristics (cont.) measured using internal MOSFET
Typical Output Characteristics
Typical Transfer Characteristics
Typical On-Resistance vs. Drain Current and
Gate Voltage
Typical Transfer Characteristics
Typical On-Resistance vs. Drain Current and
Temperature
On-Resistance Variation with Temperature
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
1
2
3
4
5
6
V
= 5.0V
GS
7
8
9
10
V
= 5.5V
GS
V
= 6.0V
GS
V
= 20V
GS
V
= 10V
GS
V
= 8.0V
GS
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0.001
0.01
0.1
1
10
0
1
2
3
4
5
6
7
8
V
= 20V
DS
T
= 85°C
A
T
= 125°C
A
T
= 150°C
A
T
= 25°C
A
T
= -55°C
A
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
V
= 10V
GS
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Transfer Characteristics
0
2
4
6
8
10
12
14
16
18
20
4
6
8
10
12
14
16
18
20
I
= 1.0A
D
I , DRAIN CURRENT (A)
D
0
3
6
9
12
15
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
T
= -55°C
A
T
= 25°C
A
T
= 85°C
A
T
= 125°C
A
T
= 150°C
A
V
= 10V
GS
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
°
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
V
=
V
I
= 1A
GS
D
10
V
=
V
I
= 2A
GS
D
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com