Electronic Components Datasheet Search
  English  ▼

X  

AL9901 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AL9901
Description  UNIVERSAL HIGH VOLTAGE LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9901 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AL9901 Datasheet HTML 8Page - Diodes Incorporated AL9901 Datasheet HTML 9Page - Diodes Incorporated AL9901 Datasheet HTML 10Page - Diodes Incorporated AL9901 Datasheet HTML 11Page - Diodes Incorporated AL9901 Datasheet HTML 12Page - Diodes Incorporated AL9901 Datasheet HTML 13Page - Diodes Incorporated AL9901 Datasheet HTML 14Page - Diodes Incorporated AL9901 Datasheet HTML 15Page - Diodes Incorporated AL9901 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AL9901
Document number: DS37713 Rev. 1 - 2
12 of 20
www.diodes.com
March 2015
© Diodes Incorporated
AL9901
Applications Information (continued)
Setting Operating Frequency
The AL9901 is capable of operating between 25 and 450 kHz switching frequency range. The switching frequency is programmed by connecting
an external resistor between ROSC pin and ground. The corresponding oscillator period is:
tOSC =
25
22
R osc +
µs
with ROSC in k
The switching frequency is the reciprocal of the oscillator period. Typical values for ROSC vary from 75k
to 1M
In buck mode the duty cycle, D, is
IN
LEDs
V
V
; so when driving small numbers of LEDs from high input voltages the duty cycle will be reduced and
care should be taken to ensure that tON > tBLANK. The simplest way to do this is to reduce/limit the switching frequency by increasing the ROSC
value. Reducing the switching frequency will also improve the efficiency.
When operating in buck mode the designer must keep in mind that the input voltage must be maintained higher than two times the forward voltage
drop across the LEDs. This limitation is related to the output current instability that may develop when the AL9901 operates at a duty cycle greater
than 0.5. This instability reveals itself as an oscillation of the output current at a sub-harmonic (SBO) of the switching frequency.
Inductor Selection
The non-isolated buck circuit, Figure 1, is usually selected and it has two operation modes: continuous and discontinuous conduction modes. A
buck power stage can be designed to operate in continuous mode for load current above a certain level, usually 15% to 30% of full load. Usually,
the input voltage range, the output voltage and load current are defined by the power stage specification. This leaves the inductor value as the
only design parameter to maintain continuous conduction mode. The minimum value of inductor to maintain continuous conduction mode can be
determined by the following example.
The required inductor value is determined from the desired peak-to-peak LED ripple current in the inductor; typically around 30% of the nominal
LED current.
(
)
(
)
OSC
LED
LEDs
IN
f
I
D
V
V
L
×
×
×
−
=
3
.
0
Where, D is duty cycle
The next step is determining the total voltage drop across the LED string. For example, when the string consists of 10 High-Brightness LEDs and
each diode has a forward voltage drop of 3.0V at its nominal current; the total LED voltage VLEDS is 30V.
Dimming
The LED brightness can be dimmed either linearly (using the LD pin) or via pulse width modulation (using the PWM-D pin); or a combination of
both - depending on the application. Pulling the PWM_Dpin to ground will turn off the AL9901. When disabled, the AL9901’s quiescent current is
typically 0.5mA (0.65 for AL9901A). Reducing the LD voltage will reduce the LED current but it will not entirely turn off the external power
transistor and hence the LED current – this is due to the finite blanking period. Only the PWM_Dpin will turn off the power transistor.
Linear dimming is accomplished by applying a 45 to 250mV analog signal to the LD pin. This overrides the default 250mV threshold level of the
CS pin and reduces the output current. If an input voltage greater than 250mV is applied to the LD then the output current will not change.
The LD pin also provides a simple cost effective solution to soft start. By connecting a capacitor to the LD pin down to ground at initial power up,
the LD pin will be held low, causing the sense threshold to be low. As the capacitor charges up the current sense threshold will increase, thereby
causing the average LED current to increase.
PWM dimming is achieved by applying an external PWM signal to the PWM_D pin. The LED current is proportional to the PWM duty cycle and the
light output can be adjusted between 0 and 100%.The PWM signal enables and disables the AL9901 - modulating the LED current. The ultimate
accuracy of the PWM dimming method is limited only by the minimum gate pulse width, which is a fraction of a percentage of the low frequency
duty cycle. PWM dimming of the LED light can be achieved by turning on and off the converter with a low frequency 50Hz to 1000Hz TTL logic
level signal.
With both modes of dimming it is not possible to achieve average brightness levels higher than the one set by the current sense threshold level of
the AL9901. If a greater LED current is required, then a smaller sense resistor should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com