Electronic Components Datasheet Search
  English  ▼

X  

AL9901 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AL9901
Description  UNIVERSAL HIGH VOLTAGE LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9901 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AL9901 Datasheet HTML 5Page - Diodes Incorporated AL9901 Datasheet HTML 6Page - Diodes Incorporated AL9901 Datasheet HTML 7Page - Diodes Incorporated AL9901 Datasheet HTML 8Page - Diodes Incorporated AL9901 Datasheet HTML 9Page - Diodes Incorporated AL9901 Datasheet HTML 10Page - Diodes Incorporated AL9901 Datasheet HTML 11Page - Diodes Incorporated AL9901 Datasheet HTML 12Page - Diodes Incorporated AL9901 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AL9901
Document number: DS37713 Rev. 1 - 2
9 of 20
www.diodes.com
March 2015
© Diodes Incorporated
AL9901
On-Resistance Variation with Temperature
Gate Threshold Variation vs. Ambient Temperature
Diode Forward Voltage vs. Current
Typical Junction Capacitance
Gate Charge
SOA, Safe Operation Area
T , JUNCTION TEMPERATURE ( C)
J
°
0
3
6
9
12
15
-50
-25
0
25
50
75
100
125
150
V
=
V
I = 2A
GS
D
20
V
=
V
I = 1A
GS
D
10
T , JUNCTION TEMPERATURE ( C)
J
°
2
2.5
3
3.5
4
4.5
5
-50
-25
0
25
50
75
100
125
150
I = 1mA
D
I = 250µA
D
V
, SOURCE-DRAIN VOLTAGE (V)
SD
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.3
0.6
0.9
1.2
1.5
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = -55°C
A
T = 25°C
A
V
, DRAIN-SOURCE VOLTAGE (V)
DS
1
10
100
1000
0
5
10
15
20
25
30
35
40
f = 1MHz
C
iss
Coss
Crss
Q
(nC)
g, TOTAL GATE CHARGE
Figure 11 Gate Charge
0
2
4
6
8
10
0
2
4
6
8
10
12
14
16
V
= 520V
I = A
DS
D
2
V
, DRAIN-SOURCE VOLTAGE (V)
DS
0.001
0.01
0.1
1
10
1
10
100
1000
R
Limited
DS(on)
T
= 150°C
T = 25°C
V
= 10V
Single Pulse
J(max)
A
GS
DUT on 1 * MRP Board
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com