Electronic Components Datasheet Search
  English  ▼

X  

AP3595 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP3595
Description  DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3595 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP3595 Datasheet HTML 8Page - Diodes Incorporated AP3595 Datasheet HTML 9Page - Diodes Incorporated AP3595 Datasheet HTML 10Page - Diodes Incorporated AP3595 Datasheet HTML 11Page - Diodes Incorporated AP3595 Datasheet HTML 12Page - Diodes Incorporated AP3595 Datasheet HTML 13Page - Diodes Incorporated AP3595 Datasheet HTML 14Page - Diodes Incorporated AP3595 Datasheet HTML 15Page - Diodes Incorporated AP3595 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
AP3595
Document number: DS36749 Rev. 1 - 2
12 of 23
www.diodes.com
January 2014
© Diodes Incorporated
AP3595
A Product Line of
Diodes Incorporated
Application Information (Cont.)
Where ILX is the phase x current in Ampere, RDS(ON) is the on-resistance of low side MOSFET, 12A is a constant current to compensate the
offset voltage of the current sensing circuit.
AP3595 tunes the duty cycle of each channel for current balance according to the sensed inductor current signals as shown in Figure 4. If the
current of channel 1 is smaller than the current of channel 2, the IC increases the duty cycle of the corresponding phase to increase its phase
current accordingly, vice versa.
Figure 4. Current Balance Scheme of AP3595
7. Power Saving Interface (PSI)
The AP3595 supports dual phase or single phase which is controlled by VPSI. If VPSI>1.2V, AP3595 will operate in dual phase mode. If VPSI<0.4V,
AP3595 will operate in single phase mode. There is 2ms delay at the transient from dual phase to single phase, and no delay time from single
phase to dual phase.
8. Current Sense by DCR
Figure 5. Output Current Sensing Block
The above figure shows the output current sensing block of AP3595. The voltage VCS across the current sensing capacitor CCS can be expressed
as
2
/
DC
OUT
CS
R
I
V
,
If the following condition is true:
CS
CSP
DC
C
R
R
L
 /
2
Where L is the output inductor of the buck converter, RDC is the parasitic resistance of the inductor, RCSP and CCS are the external RC network for
current sensing.
The GM amplifier will source a current ICSN to the CSN pin to let its inputs virtually short circuit.
CS
CSN
CSN
V
R
I
Therefore the output current signal ICSN can be expressed as:
CSN
DC
OUT
CSN
R
R
I
I
2
The output current signal ICSN is used to droop tuning and output over current protection.
+
_
+
_
PWM1
PWM2
COMP
ICS2
ICS1
+
_
+
RAMP1
RAMP2
AP3595
+
-
CSP
CSN
RCSN
RCSP
CCS
RDC
RDC
L
L
RCSP
PHASE1
PHASE2
VOUT
GM
Amplifier
ICSN
IDRPIPSIIOCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com