Electronic Components Datasheet Search
  English  ▼

X  

AP3988 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3988
Description  PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3988 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3988 Datasheet HTML 1Page - Diodes Incorporated AP3988 Datasheet HTML 2Page - Diodes Incorporated AP3988 Datasheet HTML 3Page - Diodes Incorporated AP3988 Datasheet HTML 4Page - Diodes Incorporated AP3988 Datasheet HTML 5Page - Diodes Incorporated AP3988 Datasheet HTML 6Page - Diodes Incorporated AP3988 Datasheet HTML 7Page - Diodes Incorporated AP3988 Datasheet HTML 8Page - Diodes Incorporated AP3988 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AP3988
Document number: DS36722 Rev. 4 - 2
5 of 12
www.diodes.com
June 2014
© Diodes Incorporated
AP3988
A Product Line of
Diodes Incorporated
Electrical Characteristics (@VCC=15V, TJ=+25°C, unless otherwise specified.)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
STARTUP AND UVLO SECTION
VTH_ST
Turn-on Voltage
–
13
15
17
V
VOPR(MIN)
Turn-off Voltage
–
5.2
5.8
6.4
V
STANDBY CURRENT SECTION
IST
Turn-on Current
VCC=VTH_ST-1V before
startup
0
0.2
0.6
μA
ICC_OPR
Operating Current
Static current @ no load
550
650
750
OPERATING FREQUENCY SECTION (5% LOAD TO FULL LOAD)
fS(MAX)
Operating Frequency in Full Load
Condition
–
–
–
60
kHz
Δf/f
Frequency Dithering
5% to 100% of full load
range
4.5
5
5.5
%
OPERATING FREQUENCY SECTION (NO LOAD TO 5% OF IOUT(MAX))
fS(MIN)
Output Voltage Detection Frequency
–
1.8
2
2.2
kHz
CURRENT SENSE SECTION
VCS_H
Peak Current Sense Voltage in Heavy
Load
40% to 100% of full load
874
910
946
mV
VCS_M
Peak Current Sense Voltage in Middle
Load
17% to 40% of full load
581
605
630
mV
VCS_L
Peak Current Sense Voltage in Light
Load
5% to 17% of full load
390
405
425
mV
ΔVCS/VCS
VCS Modulation for Frequency Dithering
–
–
2.5
–
%
tMOD
VCS Modulation Period
–
225
250
275
μs
RLINE
Built-in Line Compensation Resistor
–
260
330
400
Ω
tLEB
Leading Edge Blanking
@ VCS_H and VCS_M
600
750
900
ns
CONSTANT VOLTAGE SECTION
VFB
Equivalent Feedback Voltage @ 90%
Load
Closed loop test of VOUT
4.13
4.20
4.27
V
IFB
FB Pin Input Current
VFB=4V
3.36
4.20
5.04
μA
VCABLE
Cable Compensation Drop
–
–
0.35
–
V
CONSTANT CURRENT SECTION
tONS/tSW
Secondary Winding Conduction Duty
VFB=3V
–
4/7
–
–
POWER TRANSISTOR SECTION
VCE(SAT)
Collector-emitter Saturation Voltage
IC=0.5A
–
–
0.3
V
hFE
DC Current Gain
–
14
17
–
–
ICEO
Leakage Current
–
–
–
60
μA
PROTECTION FUNCTION SECTION
VFB(OVP)
Over Voltage Protection
–
–
7.5
–
V
VFB(SCP)
Short Circuit Protection
VFB @ Hiccup
2.6
3.3
3.7
V
TOTP
Shutdown Temperature
–
+125
+160
–
°C
THYS
Temperature Hysteresis
–
–
+40
–
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com