Electronic Components Datasheet Search
  English  ▼

X  

AP3988 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3988
Description  PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3988 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3988 Datasheet HTML 1Page - Diodes Incorporated AP3988 Datasheet HTML 2Page - Diodes Incorporated AP3988 Datasheet HTML 3Page - Diodes Incorporated AP3988 Datasheet HTML 4Page - Diodes Incorporated AP3988 Datasheet HTML 5Page - Diodes Incorporated AP3988 Datasheet HTML 6Page - Diodes Incorporated AP3988 Datasheet HTML 7Page - Diodes Incorporated AP3988 Datasheet HTML 8Page - Diodes Incorporated AP3988 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP3988
Document number: DS36722 Rev. 4 - 2
1 of 12
www.diodes.com
June 2014
© Diodes Incorporated
AP3988
A Product Line of
Diodes Incorporated
CPC
FB
VCC
CS
C
C
GND
1
2
3
4
7
6
5
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Description
The AP3988 is a performance enhanced power switcher for power
supplies with better conversion efficiency, better voltage & current
accuracy, and improved protection functions. Typical applications
include charger, adapter for ADSL, home appliance power supply,
LED lighting power supply and PC auxiliary power supplies. The
controller regulates the output voltage and current in the primary
side by piece-wise Pulse Frequency Modulation (p-PFM) in
discontinuous conduction mode (DCM). The system operating
frequency reduces linearly from heavy load to light load in each
interval of the p-PFM, and enters constant current mode when the
load current equals to the maximum system output current.
The AP3988 provides operating frequency dithering function to
improve EMC performance of power supply. It also has built-in
fixed cable voltage drop compensation (5% of nominal system
output voltage) and adjustable line voltage compensation.
The AP3988 solution has fewer component number, smaller size,
and lower total cost.
The AP3988 is packaged in SO-7.
Features
Primary
Side
Control
for
Eliminating
Opto-coupler
and
Secondary CV/CC Control Circuitry
Built-in NPN Transistor with 700VCBO
Low Start-up Current: 0.2
A (Typ.)
Internal Output Cable Voltage Drop Compensation
Hiccup Function to Improve Short Circuit Protection
Better Over Voltage Protection
Better Over Temperature Protection
Low Total Cost Solution
Output Power Range (Note 1): for 5.5W Adapter
Totally Lead-free & Fully RoHS Compliant (Note 2 & 3)
Halogen and Antimony Free.
“Green” Device (Note 4)
Pin Assignments
(Top View)
SO-7
Applications
Adapters
Set Top Boxes
Appliances
Notes:
1. Typical continuous power in a non-ventilated enclosed adapter measured at +50°C ambient.
2. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
3. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
4. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP3988

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3988I-HF A-POWER-AP3988I-HF Datasheet
99Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3988I-HF A-POWER-AP3988I-HF_14 Datasheet
99Kb / 4P
Fast Switching Characteristic
AP3988P-HF A-POWER-AP3988P-HF Datasheet
129Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3988P-HF A-POWER-AP3988P-HF_14 Datasheet
123Kb / 4P
Fast Switching Characteristic
More results

Similar Description - AP3988

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER12ADIP-E STMICROELECTRONICS-VIPER12ADIP-E Datasheet
452Kb / 21P
Low Power OFF-Line SMPS Primary Switcher
09-Jan-2006
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
logo
Diodes Incorporated
AP3983B DIODES-AP3983B Datasheet
598Kb / 13P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
AP3983E DIODES-AP3983E Datasheet
568Kb / 10P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 3
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312_15 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
HT7A6322 HOLTEK-HT7A6322 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
logo
Diodes Incorporated
AP3968 DIODES-AP3968 Datasheet
482Kb / 15P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 2
AP3983BCD DIODES-AP3983BCD Datasheet
598Kb / 13P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
AP3984 DIODES-AP3984 Datasheet
758Kb / 15P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 3
AP3987CT DIODES-AP3987CT Datasheet
559Kb / 15P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev. 2 - 2 June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com