Electronic Components Datasheet Search
  English  ▼

X  

AP3988 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP3988
Description  PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3988 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP3988 Datasheet HTML 4Page - Diodes Incorporated AP3988 Datasheet HTML 5Page - Diodes Incorporated AP3988 Datasheet HTML 6Page - Diodes Incorporated AP3988 Datasheet HTML 7Page - Diodes Incorporated AP3988 Datasheet HTML 8Page - Diodes Incorporated AP3988 Datasheet HTML 9Page - Diodes Incorporated AP3988 Datasheet HTML 10Page - Diodes Incorporated AP3988 Datasheet HTML 11Page - Diodes Incorporated AP3988 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AP3988
Document number: DS36722 Rev. 4 - 2
8 of 12
www.diodes.com
June 2014
© Diodes Incorporated
AP3988
A Product Line of
Diodes Incorporated
Operation Description (Cont.)
Constant Current Operation
The AP3988 is designed to work in constant current (CC) mode. Figure 4 shows the secondary current waveforms.
Is
0A
See equation 7
Tons
Toffs
IOUT
Figure 4. Secondary Current Waveform
In CC operation, the CC loop control function of AP3988 will keep a fixed proportion between D1 on-time Tons and D1 off-time Toffs by discharging
or charging the built-in capacitance connected. This fixed proportion is
3
4
offs
ons
T
T
……… (6)
The relation between the output constant-current and secondary peak current IPKS is given by:
offs
ons
ons
PKS
OUT
T
T
T
I
I
2
1
………(7)
At the instant of D1 turn-on, the primary current transfers to the secondary at an amplitude of:
PK
S
P
PKS
I
N
N
I
………(8)
Thus the output constant current is given by:
PK
S
P
OUT
I
N
N
I
7
2
………(9)
Leading Edge Blanking (LEB)
When the power switch is turned on, a turn-on spike on the output pulse rising edge will occur on the sense-resistor. To avoid false termination of
the switching pulse, a typical 750ns leading edge blanking is built in. During this blanking period, the current sense comparator is disabled and the
gate driver cannot be switched off.
The built-in LEB in AP3988 has shorter delay time from current sense terminal to output pulse than those IC solutions adopting external RC filter
as LEB.
Built-in Cable Compensation
The AP3988 has built-in fixed voltage of 0.35V typical to compensate the drop of output cable when the load is changed from zero to full load. A
typical 10nF external capacitor connected to the CPC pin is used to smooth voltage signal for cable compensation.
Over Temperature Protection
The AP3988 has internal thermal sensing circuit to shut down the PFM driver output when the die temperature reaches +160°C typical. When the
die temperature drops about +40°C, the IC will recover automatically to normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com