Electronic Components Datasheet Search
  English  ▼

X  

CP2102 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # CP2102
Description  PROGRAMMERS GUIDE
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2102 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button CP2102 Datasheet HTML 7Page - Silicon Laboratories CP2102 Datasheet HTML 8Page - Silicon Laboratories CP2102 Datasheet HTML 9Page - Silicon Laboratories CP2102 Datasheet HTML 10Page - Silicon Laboratories CP2102 Datasheet HTML 11Page - Silicon Laboratories CP2102 Datasheet HTML 12Page - Silicon Laboratories CP2102 Datasheet HTML 13Page - Silicon Laboratories CP2102 Datasheet HTML 14Page - Silicon Laboratories CP2102 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AN169
Rev. 2.3
11
3.14. SI_SetLineControl
Description:
Adjusts the line control settings: word length, stop bits, and parity. Refer to the device data sheet
for valid line control settings.
Supported Devices:
CP2101/2/3/4/5/8/9
Prototype:
SI_STATUS SI_SetLineControl (HANDLE Handle, WORD wLineControl)
Parameters:
1. Handle—Handle to the device as returned by SI_Open.
2. wLineControl—A WORD variable that contains the desired line control settings. Possible input
settings are as follows:
Bits 0–3
Number of Stop bits
0:
1 stop bit;
1:
1.5 stop bits;
2:
2 stop bits
Bits 4–7
Parity
0:
None
1:
Odd
2:
Even
3:
Mark
4:
Space
Bits 8–15
Number of bits per word
5, 6, 7, or 8
Return Value:
SI_STATUS
= SI_SUCCESS or
SI_DEVICE_IO_FAILED or
SI_INVALID_HANDLE or
SI_INVALID_PARAMETER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com