Electronic Components Datasheet Search
  English  ▼

X  

CP2102 Datasheet(PDF) 22 Page - Silicon Laboratories

Part # CP2102
Description  PROGRAMMERS GUIDE
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2102 Datasheet(HTML) 22 Page - Silicon Laboratories

Back Button CP2102 Datasheet HTML 18Page - Silicon Laboratories CP2102 Datasheet HTML 19Page - Silicon Laboratories CP2102 Datasheet HTML 20Page - Silicon Laboratories CP2102 Datasheet HTML 21Page - Silicon Laboratories CP2102 Datasheet HTML 22Page - Silicon Laboratories CP2102 Datasheet HTML 23Page - Silicon Laboratories CP2102 Datasheet HTML 24Page - Silicon Laboratories CP2102 Datasheet HTML 25Page - Silicon Laboratories CP2102 Datasheet HTML 26Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
AN169
22
Rev. 2.3
4.7. USB_Int_Disable
Description:
This function disables the USB API interrupt generation.
Supported Devices:
C8051F320/1/6/7, C8051F340/1/2/3/4/5/6/7/8/9/A/B/C/D,
C8051F380/1/2/3/4/5/6/7, C8051T320/1/2/3/6/7, C8051T620/1/2/3
Prototype:
void USB_Int_Disable (void)
Parameters:
None
Return Value:
None
4.8.
USB_Disable
Description:
This function disables the USB interface and the use of Device Interface Functions. On return,
the USB interface is no longer available and API interrupts are turned off. The clock multiplier is
turned off to reduce power consumption unless the system clock is set to the
'4x Clock Multiplier/2' option (CLKSEL[1:0] = 10b).
Supported Devices:
C8051F320/1/6/7, C8051F340/1/2/3/4/5/6/7/8/9/A/B/C/D,
C8051F380/1/2/3/4/5/6/7, C8051T320/1/2/3/6/7, C8051T620/1/2/3
Prototype:
void USB_Disable (void)
Parameters:
None
Return Value:
None
4.9.
USB_Suspend
Description:
This function allows devices to meet the USB suspend current specification. To be USB compli-
ant, a USB device must support the Suspend feature by reducing its total power consumption to
be under 500 µA. This function should only be called when the DEV_SUSPEND USB API inter-
rupt is received. All unnecessary user peripherals should be turned off before making this func-
tion call, and can be turned back on after the call returns. This routine powers down the USB
transceiver and the clock multiplier and then suspends the internal oscillator until USB resume
signaling occurs. Once USB traffic is detected, internal oscillator is restarted, USB_Clock_Start is
called, and then the function call returns to user code. Note: USB_Suspend will set the system
clock to internal oscillator by default. If system clock is set to clock multiplier when
USB_Suspend is called, that setting will be restored before this function returns. If it is necessary
to use any other setting for system clock, user code should modify CLKSEL on return from
USB_Suspend.
Supported Devices:
C8051F320/1/6/7, C8051F340/1/2/3/4/5/6/7/8/9/A/B/C/D,
C8051F380/1/2/3/4/5/6/7, C8051T320/1/2/3/6/7, C8051T620/1/2/3
Prototype:
void USB_Suspend (void)
Parameters:
None
Return Value:
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com