Electronic Components Datasheet Search
  English  ▼

X  

CP2102 Datasheet(PDF) 28 Page - Silicon Laboratories

Part # CP2102
Description  PROGRAMMERS GUIDE
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2102 Datasheet(HTML) 28 Page - Silicon Laboratories

Back Button CP2102 Datasheet HTML 24Page - Silicon Laboratories CP2102 Datasheet HTML 25Page - Silicon Laboratories CP2102 Datasheet HTML 26Page - Silicon Laboratories CP2102 Datasheet HTML 27Page - Silicon Laboratories CP2102 Datasheet HTML 28Page - Silicon Laboratories CP2102 Datasheet HTML 29Page - Silicon Laboratories CP2102 Datasheet HTML 30Page - Silicon Laboratories CP2102 Datasheet HTML 31Page - Silicon Laboratories CP2102 Datasheet HTML 32Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
AN169
28
Rev. 2.3
Internal Oscillator1
Enabled (OSCICN.7 = 1)
4x Clock Multiplier1
Enabled (Source: Internal Oscillator)
USB Clock Recovery1
Enabled (CLKREC = 0x8F)
USB Clock Source1
Clock multiplier (48 MHz)
USB Speed
Full Speed (12 Mbps)
USB Transfer Type
Bulk Transfer
Max data payload size
(Control Endpoint, EP0)
64 bytes per data packet
Number of bulk data
endpoints used
2 (EP2 in Split Mode)
2 (EP2 in Split Mode)
2 (EP1 and EP2)
Max data payload size
(Bulk data endpoints)
64 bytes per data packet
Double buffering
Enabled for both IN and
OUT endpoints (FIFO can
hold two packets each at
any time).
Enabled for both IN and
OUT endpoints (FIFO can
hold two packets each at any
time).
Enabled for OUT endpoint
(FIFO can hold two packets
at any time). Disabled for IN
endpoint.
XDATA space reserved
by the library2
448 bytes XDATA (0x0640
to 0x07FF) [includes USB
FIFO space]
448 bytes XDATA (0x0640 to
0x07FF) [includes USB FIFO
space]
116 bytes (0x038C to
0x03FF) XDATA + 256 bytes
(0x0400 to 0x04FF) USB
FIFO
Starting address to
relocate USB_Init
function parameters
(see " Saving XDATA
Space" on page 26)
0x07AF
0x07AF
0x3EF
USBXpress Firmware
Library Name
USBX_F38X.LIB
USBX_T620_1_320_3.LIB
USBX_T622_3_T326_7.LIB
Table 1. Firmware Library Technical Details (Continued)
Notes:
1. The clock settings listed in this table are valid only if the default USBXpress clock functions (USB_Clock_Start and
USBXcore_ClkRec) are not overridden by user firmware.
2. This reserved space includes the relocated USB_Init parameters using linker commands. See " Saving XDATA Space"
on page 26 for more details. This only applies to the Keil libraries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com